Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 78 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 78 Page - ams AG

Back Button AS3676 Datasheet HTML 74Page - ams AG AS3676 Datasheet HTML 75Page - ams AG AS3676 Datasheet HTML 76Page - ams AG AS3676 Datasheet HTML 77Page - ams AG AS3676 Datasheet HTML 78Page - ams AG AS3676 Datasheet HTML 79Page - ams AG AS3676 Datasheet HTML 80Page - ams AG AS3676 Datasheet HTML 81Page - ams AG AS3676 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
77 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.11 Serial Interface
The AS3676 is controlled using serial interface pins CLK and DATA:
Figure 34. Serial interface block diagram
The clock line CLK is never held low by the AS3676 (as the AS3676 does not use clock stretching of the bus).
The AS3676 is compatible to the NXP two wire specification http://www.nxp.com/acrobat_download/literature/9398/
39340011.pdf, Version 2.1, January 2000 for standard and fast mode (no high speed mode).
8.11.1 Serial Interface Features

Fast Mode Capability (Maximum Clock Frequency is 400 kHz)

7-bit Addressing Mode

Write Formats
- Single-Byte Write
- Page-Write
1
ov_temp
N/A
R
1
Indicates that the overtemperature threshold
has been reached; this flag is not cleared by an
overtemperature reset. It has to be cleared
using rst_ov_temp
2
rst_ov_temp
0R/W
The ov_temp flag is cleared by first setting this bit to 1, and
then setting this bit to 0.
Table 119. Serial Interface Voltages and Timings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIHI/F
High Level Input
Voltage
Pins DATA and CLK
1.38
VBAT
V
VILI/F
Low Level Input
Voltage
0.0
0.52
V
VHYSTI/F
Hysteresis
0.1
V
tRISE
Rise Time
0
1000
ns
tFALL
Fall Time
0
300
ns
tCLK_FILTER
Spike Filter on CLK
100
ns
tDATA_FILTER
Spike Filter on DATA
300
ns
Table 118. Reset and Overtemp control
Register (Continued)
Addr: 29h
Reset and Overtemp control
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default Access
Description



 
 
 



AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com