Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 83 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 83 Page - ams AG

Back Button AS3676 Datasheet HTML 79Page - ams AG AS3676 Datasheet HTML 80Page - ams AG AS3676 Datasheet HTML 81Page - ams AG AS3676 Datasheet HTML 82Page - ams AG AS3676 Datasheet HTML 83Page - ams AG AS3676 Datasheet HTML 84Page - ams AG AS3676 Datasheet HTML 85Page - ams AG AS3676 Datasheet HTML 86Page - ams AG AS3676 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
82 - 91
AS3676
Datasheet - R e g i s t e r M a p
9 Register Map
Table 121. Registermap
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
Reg. control
00h
00
step_up
_on
cp_on
ldo_on
curr12 control
01h
00h
curr2_mode
curr1_mode
curr rgb control
02h
00h
curr6_mode
rgb3_mode
rgb2_mode
rgb1_mode
curr3 control1
03h
00h
curr33_mode
curr32_mode
curr31_mode
curr30_mode
curr4 control
04h
00h
curr43_mode
curr42_mode
curr41_mode
GPIO output 1
05h
00h
gpi_curr
33_en
gpi_curr
32_en
gpi_curr
31_en
gpi_curr
30_en
gpi_en
gpi_curr
6_en
gpi_curr
2_en
gpi_curr
1_en
GPIO signal 1
06h
00h
gpi_curr
33_in
gpi_curr
32_in
gpi_curr
31_in
gpi_curr
30_in
gpi_in
gpi_curr
6_in
gpi_curr
2_in
gpi_curr
1_in
LDO Voltage
07h
00h
ldo_voltage
Curr1 current
09h
00h
curr1_current
Curr2 current
0Ah
00h
curr2_current
Rgb1 current
0Bh
00h
rgb1_current
Rgb2 current
0Ch
00h
rgb2_current
Rgb3 current
0Dh
00h
rgb3_current
Curr3x strobe
0Eh
00h
curr3x_strobe
Curr3x preview
0Fh
00h
curr3x_preview
Curr3x other
10h
00h
curr3x_other
Curr3 strobe
control
11h
00h
strobe_timing
strobe_mode
strobe_ctrl
Curr3 control2
12h
00h
strobe_p
in
curr3x_s
trobe_hi
gh
preview_ctrl
preview_
off_after
strobe
Curr41 current
13h
00h
curr41_current
Curr42 current
14h
00h
curr42_current
Curr43 current
15h
00h
curr43_current
Pwm control
16h
00h
pwm_dim_speed
pwm_dim_mode
pwm code
17h
00h
pwm_code
Pattern control
18h
00h
curr33_p
attern
curr32_p
attern
curr31_p
attern
curr30_p
attern
softdim_
pattern
pattern_delay
pattern_
color
Pattern data0
19h
00h
pattern_data[7:0]
Pattern data1
1Ah
00h
pattern_data[15:8]
Pattern data2
1Bh
00h
pattern_data[23:16]
Pattern data3
1Ch
00h
pattern_data[31:24]
GPIO control
1Eh
44h
gpio2_pulls
gpio2_mode
gpio1_pulls
gpio1_mode
GPIO driving cap
20h
00h
gpio2_lo
w_curr
gpio1_lo
w_curr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com