Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 42 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 42 Page - ams AG

Back Button AS3676 Datasheet HTML 38Page - ams AG AS3676 Datasheet HTML 39Page - ams AG AS3676 Datasheet HTML 40Page - ams AG AS3676 Datasheet HTML 41Page - ams AG AS3676 Datasheet HTML 42Page - ams AG AS3676 Datasheet HTML 43Page - ams AG AS3676 Datasheet HTML 44Page - ams AG AS3676 Datasheet HTML 45Page - ams AG AS3676 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
41 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 20. PWM Control
Automatic Up/Down Dimming
If the register pwm_dim_mode is set to 01 (up dimming) or 10 (down dimming) the value within the register pwm_code
is increased (up dimming) or decreased (down dimming) every time and amount (either 1/4
th or 1/8th) defined by the
register pwm_dim_speed. The maximum value of 255 (completely on) and the minimum value of 0 (off) is never
exceeded. It is used to smoothly and automatically dim the brightness of the LEDs connected to any of the current
sinks. The PWM code is readable all the time (also during up and down dimming).
The waveform for up dimming looks as follows (cycles omitted for simplicity):
Figure 21. PWM Dimming Waveform for up dimming (pwm_dim_mode = 01); currX_mode = PWM controlled (not
all steps shown)
The internal pwm modulator circuit controls the current sinks as shown in the following figure:
Figure 22. PWM Control Circuit (currX_mode = 10b (PWM controlled)); X = any current sink
The adder logic (available for all current sinks) is intended to allow dimming not only from 0% to 100% (or 100% to 0%)
of currX_current, but also e.g. from 10% to 110% (or 110% to 10%) of currX_current. The starting current for up dim-
ming is defined by 0 + currX_adder and the end current is defined by currX_current + currX_adder.


 

  !
 "
#


  !
 "
#
 
  
 
    
 
 


 

 

!!"
 
#
$ %!
 & 
 


% '
!&! ( ) )
 * "!
AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com