Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 14 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 14 Page - ams AG

Back Button AS3676 Datasheet HTML 10Page - ams AG AS3676 Datasheet HTML 11Page - ams AG AS3676 Datasheet HTML 12Page - ams AG AS3676 Datasheet HTML 13Page - ams AG AS3676 Datasheet HTML 14Page - ams AG AS3676 Datasheet HTML 15Page - ams AG AS3676 Datasheet HTML 16Page - ams AG AS3676 Datasheet HTML 17Page - ams AG AS3676 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
13 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.2.2
Over voltage Protection in Current Feedback Mode
The over voltage protection in current feedback mode (step_up_fb = 01, 10 or 11 or step_up_fb_auto = 1) works as fol-
lows: Only resistor R2 and C7/C8
2 is soldered and R3 is omitted. An internal current source (sink) is used to generate
a voltage drop across the resistor R2. If then the voltage on DCDC_FB is above 1.25V and step_up_prot=1, the DCDC
is momentarily disabled to avoid too high voltages on the output of the DCDC converter. When the voltage on
DCDC_FB drops below 1.25V, the DCDC automatically resumes operation.
The protection voltage can be calculated according to the following formula:
VPROTECT = 1.25V + IDCDC_FB * R2
(EQ 1)
Note: The voltage on the pin DCDC_FB is limited by an internal protection diode to VBAT + one diode forward volt-
age (typ. 0.6V).
If the over voltage protection is not used in current feedback mode, connect DCDC_FB to ground.
Figure 12. Step Up DC/DC Converter Detail Diagram; Option: Regulated Output Current, Feedback is
automatically selected between CURR1, CURR2, CURR6 (step_up_fb_auto=1); over voltage protection
is enabled (step_up_prot=1); 1MHz clock frequency (step_up_frequ=0)
2. If the DCDC converter is only used in current feedback mode (CURR1, CURR2 or CURR6 - and not used
for a constant voltage source), the capacitors C7 and C8 can be removed.
 
   


 !"
#
$ $ %&
$ $ %'()
$ $ %"*
+,

,

!"
 ,
* -
$
.
!
$
$
$
$ 
$
$
$ 
$
$ 
 

 /% /%0  1
 
 /% /%/2
 /% /%34
/
56+
.21
'
$0
  %7
 /% /%3 8
+ 9
 9
:
20%
2
3 ;4  : 
<
= =>
 /% /%34% 2
? 2  ;
 ?%2 %/@


20 222/
2 2
A
 "
A
 "
A
B   2 :- 8  ;
 02:1 3 ;4 2;
AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com