Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 54 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 54 Page - ams AG

Back Button AS3676 Datasheet HTML 50Page - ams AG AS3676 Datasheet HTML 51Page - ams AG AS3676 Datasheet HTML 52Page - ams AG AS3676 Datasheet HTML 53Page - ams AG AS3676 Datasheet HTML 54Page - ams AG AS3676 Datasheet HTML 55Page - ams AG AS3676 Datasheet HTML 56Page - ams AG AS3676 Datasheet HTML 57Page - ams AG AS3676 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
53 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Group1
5:4
curr43_amb_group
00
R/W
CURR43 is mapped to ambient light sensor group
00
None - no ambient light sensor control
01
Group 1
10
Group 2
11
Group 3
Table 73. ALS group 1 Y0 Register
Addr: 98h
ALS group 1 Y0
Bit
Bit Name
Default Access
Description
7:0
group1_y0
00h
R/W
Group 1 y0 value - divided by 256
Table 74. ALS group 1 Y3 Register
Addr: 99h
ALS group 1 Y3
Bit
Bit Name
Default Access
Description
7:0
group1_y3
00h
R/W
Group 1 y3 value - divided by 256
Table 75. ALS group 1 X1 Register
Addr: 9Ah
ALS group 1 X1
Bit
Bit Name
Default Access
Description
7:0
group1_x1
00h
R/W
Group 1 x1 value
Table 76. ALS group 1 K1 Register
Addr: 9Bh
ALS group 1 K1
Bit
Bit Name
Default Access
Description
7:0
group1_k1
00h
R/W
Group 1 k1 value - divided by 32 defines first slope
Table 77. ALS group 1 X2 Register
Addr: 9Ch
ALS group 1 X2
Bit
Bit Name
Default Access
Description
7:0
group1_x2
00h
R/W
Group 1 x2 value
Table 78. ALS group 1 K2 Register
Addr: 9Dh
ALS group 1 K2
Bit
Bit Name
Default Access
Description
7:0
group1_k2
00h
R/W
Group 1 k2 value- value divided by 32 defines second slope
Table 72. ALS curr4x group Register (Continued)
Addr: 97h
ALS curr4x group
controls the group mapping for CURR41, CURR42 and CURR43
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com