Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 75 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 75 Page - ams AG

Back Button AS3676 Datasheet HTML 71Page - ams AG AS3676 Datasheet HTML 72Page - ams AG AS3676 Datasheet HTML 73Page - ams AG AS3676 Datasheet HTML 74Page - ams AG AS3676 Datasheet HTML 75Page - ams AG AS3676 Datasheet HTML 76Page - ams AG AS3676 Datasheet HTML 77Page - ams AG AS3676 Datasheet HTML 78Page - ams AG AS3676 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
74 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
3:2
curr31_aud_src[1:0]
00b
R/W
Audio controlled LED source for CURR31
00
All other modes
01
ch1 connected to CURR31, audio controlled
LED on
10
ch2 connected to CURR31, audio controlled
LED on
11
ch3 connected to CURR32, audio controlled
LED on
5:4
curr32_aud_src[1:0]
00b
R/W
Audio controlled LED source for CURR32
00
All other modes
01
ch1 connected to CURR32, audio controlled
LED on
10
ch2 connected to CURR32, audio controlled
LED on
11
ch3 connected to CURR32, audio controlled
LED on
7:6
curr33_aud_src[1:0]
00b
R/W
Audio controlled LED source for CURR33
00
All other modes
01
ch1 connected to CURR33, audio controlled
LED on
10
ch2 connected to CURR33, audio controlled
LED on
11
ch3 connected to CURR33, audio controlled
LED on
Table 114. Audio Control 2
Register
Addr: 55h
Audio Control 2
Audio Mode Control Register
Bit
Bit Name
Default Access
Description
0
NA
not used
3:1
audio_speed_up
000b
R/W
Audio controlled LED filtering time (ramping up)
000
none
001
50ms
010
100ms
011
150ms
100
200ms
101
250ms
110
400ms
111
800ms
Table 113. CURR3x audio source
Register (Continued)
Addr: 53h
CURR3x audio source
Controls CURR30,31,32,33 audio outputs and enables audio controlled LED
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com