Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 8 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 8 Page - ams AG

Back Button AS3676 Datasheet HTML 4Page - ams AG AS3676 Datasheet HTML 5Page - ams AG AS3676 Datasheet HTML 6Page - ams AG AS3676 Datasheet HTML 7Page - ams AG AS3676 Datasheet HTML 8Page - ams AG AS3676 Datasheet HTML 9Page - ams AG AS3676 Datasheet HTML 10Page - ams AG AS3676 Datasheet HTML 11Page - ams AG AS3676 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
7 - 91
AS3676
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Figure 2. DCDC Step Up Converter: Efficiency of +15V,
Figure 3. Charge Pump: Efficiency vs. VBAT
Step Up to 15V vs. Load Current at VBAT=3.8V
Figure 4. Charge Pump: Battery Current vs. VBAT
Figure 5. Current Sink CURR1 vs. V(CURRx)
Figure 6.
Figure 7. Current Sink CURR3x vs. VBAT
65
70
75
80
85
90
0
0.010.020.030.040.05
0.06
Lo ad Cu rrent [A]
VOUT=14.2V
VOUT=17.2V
VOUT=22V
VOUT= 14.2V
fclk=550kHz
0
10
20
30
40
50
60
70
80
90
100
2.8
3
3.2
3.4
3.6
3.8
4
4.2
VBAT [V]
ILOAD=305mA
ILOAD=150mA
ILOAD=80mA
ILOAD=40mA
0
100
200
300
400
500
600
2.8
3
3.2
3.4
3.6
3.8
4
4.2
VBat[V]
ILOAD=305mA
ILOAD=150mA
ILOAD=80mA
ILOAD=40mA
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0.00.5
1.01.5
2.0
VCURR1 [V]
ICURR1=2.4mA
ICURR1=19.2mAm
ICURR1=38.25mA
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0.0
0.5
1.0
1.5
2.0
VCURR30 [V]
ICURR30=2.4mA
ICURR30=19.2mAm
ICURR30=38.25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com