Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 11 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 11 Page - ams AG

Back Button AS3676 Datasheet HTML 7Page - ams AG AS3676 Datasheet HTML 8Page - ams AG AS3676 Datasheet HTML 9Page - ams AG AS3676 Datasheet HTML 10Page - ams AG AS3676 Datasheet HTML 11Page - ams AG AS3676 Datasheet HTML 12Page - ams AG AS3676 Datasheet HTML 13Page - ams AG AS3676 Datasheet HTML 14Page - ams AG AS3676 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
10 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.1.1
LDO Registers
Table 6. Reg. control
Register
Addr: 00
Reg. control
This register enables/disables the LDOs, Charge Pumps, Charge Pump LEDs,
current sinks, the Step Up DC/DC Converter, and low-power mode.
Bit
Bit Name
Default Access
Description
0
ldo_on
0R/W
0
Analog LDO is switched off
1
Analog LDO is switched on
Table 7. LDO Voltage
Register
Addr: 07h
LDO Voltage
This register sets the output voltage (VANA/GPI) for the LDO.
Bit
Bit Name
Default Access
Description
4:0
ldo_voltage
00000b
R/W
Controls LDO voltage selection.
00000b
1.8V
...
LSB=50mV
11111b
3.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com