Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 70 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 70 Page - ams AG

Back Button AS3676 Datasheet HTML 66Page - ams AG AS3676 Datasheet HTML 67Page - ams AG AS3676 Datasheet HTML 68Page - ams AG AS3676 Datasheet HTML 69Page - ams AG AS3676 Datasheet HTML 70Page - ams AG AS3676 Datasheet HTML 71Page - ams AG AS3676 Datasheet HTML 72Page - ams AG AS3676 Datasheet HTML 73Page - ams AG AS3676 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
69 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 28. Audio controlled LED internal circuit
The audio controlled LED block is enabled if any of the registers curr30_aud_src[1:0]...curr33_aud_src[1:0],
curr126_aud_on, rgbx_aud_on or curr4x_aud_on not equal zero.
The audio input amplifier (enabled by aud_buf_on=1) is used to allow the attenuation (or amplification of the input sig-
nal) and has the following parameters:
The signal is converted with the ADC (If the audio controlled LED is active, the internal ADC is continuously running. In
this case the ADC cannot be used for any other purpose). The digital processing converts this signal into 3 channels
(ch1, ch2, ch3):
Table 109. Audio input Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input Voltage Range
0
2.5
V
Rin_min
min. Input Impedance
at max. input gain (30dB)
20
k



  


  
 

  
 

  







 
  
  
  
 !"


#
  
  
  
 #
$
$
$
  
  
  
$"









  % 
&
!'
(
)* +,)-.

)* + ,/

AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com