Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 2 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 2 Page - ams AG

  AS3676 Datasheet HTML 1Page - ams AG AS3676 Datasheet HTML 2Page - ams AG AS3676 Datasheet HTML 3Page - ams AG AS3676 Datasheet HTML 4Page - ams AG AS3676 Datasheet HTML 5Page - ams AG AS3676 Datasheet HTML 6Page - ams AG AS3676 Datasheet HTML 7Page - ams AG AS3676 Datasheet HTML 8Page - ams AG AS3676 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
AS3676
Flexible Lighting Management (CP, DCDC, 13 Current Sinks,
ADC, LED Test, LDO, DLS and Ambient Light sensing)
www.austriamicrosystems.com/AS3676
1v1-4
1 - 91
(ptr)
Datasheet
1 General Description
The AS3676 is a highly-integrated CMOS Power and
Lighting Management Unit for mobile telephones, and
other 1-cell Li+ or 3-cell NiMH powered devices.
The AS3676 incorporates one Step Up DC/DC Con-
verter for white backlight LEDs, one high-power Charge
Pump, one Analog-to-Digital Converter, 13 current sinks,
LED in-circuit function test, a two wire serial interface,
and control logic all onto a single device. It supports
ambient light sensor processing and a Dynamic Lumi-
nance Scaling (DLS) input. Output voltages and output
currents are fully programmable.
The AS3676 is part of the austriamicrosystems AS3675,
AS3687/87XM and AS3689 lighting management unit
family. It is software compatible to AS3687/87XM and
AS3689 and pin and software compatible to AS3675.
2 Key Features

High-Efficiency Step Up DC/DC Converter
- Up to 26V/50mA for White LEDs
- Programmable Output Voltage with External Resis-
tors and Serial Interface
- Over voltage Protection

High-Efficiency High-Power Charge Pump
- 1:1, 1:1.5, and 1:2 Mode
- Automatic Up Switching (can be disabled and 1:2
mode can be blocked)
- Output Current up to 400mA/500mA pulsed
- Efficiency up to 95%
- Very Low effective Resistance (2.5
 typ. in 1:1.5)
- Only 4 External Capacitors Required:
2 x 1µF Flying Capacitors, 2 x 2.2µF Input/Output
Capacitors
- Supports LCD White Backlight LEDs, or RGB
LEDs

13 Current Sinks
- All 13 current sinks fully Programmable (8-bit)
from: 0.15mA to 38.5mA (up to 75.6mA for
CURR30...CURR33)
- Three current sinks are High Voltage capable
(CURR1, CURR2, CURR6)
- Programmable Hardware Control (Strobe, and Pre-
view or PWM)
- Selectively Enable/Disable Current Sinks
- Dynamic Luminance Scaling (DLS) support to
improve backlight operating time (can adjust any
current source)
- Light Sensor input with internal hardware process-
ing to control backlight according to ambient light
using 3 groups - any current source can select one
of the groups or no light sensor control

Internal PWM Generation
- 8 Bit resolution
- Autonomous Logarithmic up/down dimming

Led Pattern Generator
- Autonomous driving for Fun RGB LEDs
- Support indicator LEDs

10-bit Successive Approximation ADC
- 27µs Conversion Time
- Selectable Inputs: VANA/GPI, GPIO1/DLS,
GPIO2/LIGHT, all current sources, VBAT, CPOUT,
DCDC_FB
- Internal Temp. Measurement
- Light Sensor input with Java support (JSR-256):
read ADC processed value

Support for automatic LED testing (open and
shorted LEDs can be identified)

Strobe Timeout protection
- Up to 1600ms
- Three different timing modes

Two General Purpose Inputs/Output
- GPIO1/DLS, GPIO2/LIGHT
- Digital Input, Digital Output using VANA/GPI sup-
ply and Tristate
- GPIOs Programmable Pull-Up/Down

Programmable LDO
- 1.8 to 3.35V, 150mA
- Programmable via Serial Interface

Standby LDO always on
- Regulated 2.5V max. output 10mA
- 3µA Quiescent Current

Audio can be used to drive RGB LED(s)
- Color and Brightness depends on audio amplitude

Wide Battery Supply Range: 3.0 to 5.5V

Two Wire Serial Interface Control

Over current and Thermal Protection

WL-CSP30 3x2.5mm, 0.5mm pitch Package
3 Applications
Power- and lighting-management for mobile telephones
and other 1-cell Li+ or 3-cell NiMH powered devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com