Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 77 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 77 Page - ams AG

Back Button AS3676 Datasheet HTML 73Page - ams AG AS3676 Datasheet HTML 74Page - ams AG AS3676 Datasheet HTML 75Page - ams AG AS3676 Datasheet HTML 76Page - ams AG AS3676 Datasheet HTML 77Page - ams AG AS3676 Datasheet HTML 78Page - ams AG AS3676 Datasheet HTML 79Page - ams AG AS3676 Datasheet HTML 80Page - ams AG AS3676 Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
76 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.9.1
Reset control register
8.10 Temperature Supervision
An integrated temperature sensor provides over-temperature protection for the AS3676. This sensor generates a flag
if the device temperature reaches the overtemperature threshold of 140º. The threshold has a hysteresis to prevent
oscillation effects.
If the device temperature exceeds the T140 threshold all current sources, the charge pump and the dcdc converter is
disabled and the ov_temp flag is set. After decreasing the temperature by THYST operation is resumed.
The ov_temp flag can only be reset by first writing a 1 and then a 0 to the register bit rst_ov_temp.
Bit ov_temp_on = 1 activates temperature supervision (Table 118). It is recommend to leave this bit set (default state).
VPOR_PERI
Reset Level for pins
CLK, DATA
Monitor voltage on pins CLK, DATA
0.29
1.0
1.38
V
tPOR_DEB
Reset debounce time
for pins CLK, DATA
80
100
120
ms
tstart
Interface Startup Time
4
6
8
ms
1. Guaranteed by design - min./max. limits not production tested
Table 116. Reset and Overtemp control
Register
Addr: 29h
Reset and Overtemp control
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default Access
Description
4
shutdwn_enab
0R/W
Enable Shutdown mode and serial interface reset.
0
Serial Interface reset disabled. Device does not
enter Shutdown mode
1
Serial Interface reset enabled, device enters
shutdown when SCL and SDA remain low for
tPOR_DEB
Table 117. Overtemperature Detection
Symbol
Parameter
Condition
Min
Typ
Max
Unit
T140
ov_temp Rising
Threshold
140
ºC
THYST
ov_temp Hysteresis
5
ºC
Table 118. Reset and Overtemp control
Register
Addr: 29h
Reset and Overtemp control
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default Access
Description
0
ov_temp_on
1W
Activates/deactivates device temperature supervision.
Default: Off - all other bits are only valid if this bit is set to 1
0
Temperature supervision is disabled. No reset
will be generated if the device temperature
exceeds 140ºC
1
Temperature supervision is enabled
Table 115. Power On Reset Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com