Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 30 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 30 Page - ams AG

Back Button AS3676 Datasheet HTML 26Page - ams AG AS3676 Datasheet HTML 27Page - ams AG AS3676 Datasheet HTML 28Page - ams AG AS3676 Datasheet HTML 29Page - ams AG AS3676 Datasheet HTML 30Page - ams AG AS3676 Datasheet HTML 31Page - ams AG AS3676 Datasheet HTML 32Page - ams AG AS3676 Datasheet HTML 33Page - ams AG AS3676 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
29 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
7:4
strobe_timing
0000b
R/W
Selects strobe time (Ts)
0000b
100 msec
0001b
200 msec
0010b
300 msec
0011b
400 msec
0100b
500 msec
0101b
600 msec
0110b
700 msec
0111b
800 msec
1000b
900 msec
1001b
1000 msec
1010b
1100 msec
1011b
1200 msec
1100b
1300 msec
1101b
1400 msec
1110b
1500 msec
1111b
1600 msec
Table 31. Curr3x strobe
Register
Addr: 0Eh
Curr3x strobe
This register selects the strobe current of the current sinks30..33
Bit
Bit Name
Default Access
Description
5:0
curr3x_strobe
00
R/W
Defines Strobe current of Current sinks curr30-33
00h
0 mA
01h
0.6 mA (1.2mA if curr3x_strobe_high=1)
....
....
3Fh
37.8 mA (75.6mA if curr3x_strobe_high=1)
Table 32. Curr3x preview
Register
Addr: 0Fh
Curr3x preview
This register selects the preview current of the current sinks30..33
Bit
Bit Name
Default Access
Description
5:0
curr3x_preview
00
R/W
Defines Preview current of Current sinks curr30-33
00h
0 mA
01h
0.6 mA
....
....
3Fh
37.8 mA
Table 30. Curr3 strobe control
Register (Continued)
Addr: 11h
Curr3 strobe control
This register selects the modes of the current sinks30..33 current.
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com