Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 87 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 87 Page - ams AG

Back Button AS3676 Datasheet HTML 83Page - ams AG AS3676 Datasheet HTML 84Page - ams AG AS3676 Datasheet HTML 85Page - ams AG AS3676 Datasheet HTML 86Page - ams AG AS3676 Datasheet HTML 87Page - ams AG AS3676 Datasheet HTML 88Page - ams AG AS3676 Datasheet HTML 89Page - ams AG AS3676 Datasheet HTML 90Page - ams AG AS3676 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
86 - 91
AS3676
Datasheet - E x t e r n a l C o m p o n e n ts
10 External Components
Table 122. External Components List
Part Number
Min
Value
Typ
Max
tol.
(min.)
Rating
(max)
Notes
Package
(min.)
1
C1
1µF
±20%
6.3V
Ceramic, X5R (V2_5 output)
(e.g. Taiyo Yuden
JMK105BJ105KV-F)
0402
C2
1µF
±20%
6.3V
Ceramic, X5R (VBAT) (e.g.
Taiyo Yuden JMK105BJ105KV-
F)
0402
C3
1µF
±20%
6.3V
Ceramic, X5R (Charge Pump)
(e.g. Taiyo Yuden
JMK105BJ105KV-F)
0402
C4
1µF
±20%
6.3V
Ceramic, X5R (Charge Pump)
(e.g. Taiyo Yuden
JMK105BJ105KV-F)
0402
C5
2.2µF
±20%
6.3V
Ceramic, X5R (Charge Pump
Output) (e.g. Taiyo Yuden
JMK107BJ225MA-T)
0403
C6
1µF
±20%
6.3V
Ceramic, X5R (Step Up DCDC
input) (e.g. Taiyo Yuden
JMK105BJ105KV-F)
0402
C7 - optional
only
required
in voltage
feedback
mode of
DCDC
1.5nF
±20%
25V
Ceramic, X5R (Step Up DCDC
Feedback, 150pF for over
voltage protection)
0402
C8 - optional
15nF
±20%
6.3V
Ceramic, X5R (Step Up DCDC
Feedback, 1.5nF for over
voltage protection)
0402
C9
10µF
±20%
25V
Ceramic, X5R, X7R (Step Up
DCDC output)
e.g. Murata
GRM188R61E106MA73
2
0603
4.7µF
e.g. Taiyo Yuden
TMK316BJ475KD
3.2x1.6x
0.85mm
C10
2.2µF
±20%
6.3V
Ceramic, X5R (VANA/GPI
output) (e.g. Taiyo Yuden
JMK107BJ225MA-T)
0402
R1
100m
±5%
Shunt Resistor
0603
R2
1M
±1%
Step Up DC/DC Converter
Voltage Feedback
0201
R3
100k
±1%
Step Up DC/DC Converter
Voltage Feedback - not
required for over voltage
protection
0201
R4, R5
1-10k
±1%
DATA, CLK Pullup resistor –
usually already inside master
0201
L1
10µH
(15µH
3)
±20%
Recommended Type: Coilcraft
LPS3010-123
4 or
Murata LQH3NPN100NJ0,
LQH3NPN150NJ0 or
Panasonic ELLSFG100MA
or TDK VLF3012Aor Taiyo
Yuden NRH3012T100MN
3x3x1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com