Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 40 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 40 Page - ams AG

Back Button AS3676 Datasheet HTML 36Page - ams AG AS3676 Datasheet HTML 37Page - ams AG AS3676 Datasheet HTML 38Page - ams AG AS3676 Datasheet HTML 39Page - ams AG AS3676 Datasheet HTML 40Page - ams AG AS3676 Datasheet HTML 41Page - ams AG AS3676 Datasheet HTML 42Page - ams AG AS3676 Datasheet HTML 43Page - ams AG AS3676 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
39 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 51. Pattern control
Register
Addr: 18h
Pattern control
This register controls the LED pattern
Bit
Bit Name
Default Access
Description
0
pattern_color
0R/W
Defines the pattern type for the current sinks
0b
single 32 bit pattern (also set currX_mode = 11)
1b
RGB pattern with each 10 bits (set all
currX_mode = 11)
2:1
pattern_delay
00b
R/W
Delay between pattern, details (see Table 54); together with
pattern_delay2 sets the delay time between patterns
3
softdim_pattern
1
0b
R/W
Enable the ‘soft’ dimming feature for the pattern generator
0
Pattern generator directly control current
sources
1
‘Soft Dimming’ is performed (see page 37)
1. If softdim_pattern=1, don’t set curr30_mode, curr31_mode, curr32_mode or curr33_mode to 11b.
Table 52. gpio current
Register
Addr: 2Ch
gpio current
Bit
Bit Name
Default Access
Description
4
pattern_delay2
0R/W
Delay between pattern (see Table 54 on page 39); together
with pattern_delay sets the delay time between patterns
6
pattern_slow
0R/W
Pattern timing control
0b
normal mode
1b
slow mode (all pattern times are increased by a
factor of eight)
Table 53. Pattern End
Register
Addr: 54h
Pattern End
Bit
Bit Name
Default Access
Description
0
pattern_end
0R
pattern_end is toggled from 0 to 1 (or from 1 to 0) at each
end of the pattern just before restarting of the internal
pattern generator at the first bit of the pattern data
(can be used to synchronize the baseband software to the
pattern generator)
1
1. pattern_end toggles whenever the AS3676 is in active mode (see Section 8.12 Operating Modes on page 80)
even if no pattern data has been setup.
Table 54. LED Pattern timing
pattern_slow
pattern_delay2 pattern_delay[1..0]
bit duration [ms]
delay [s]
between
patterns
pattern
duration [s]
(total cycle
time:
pattern +
delay)
delay between patterns
pattern_color=0 pattern_color=1
0
0
00
31
100
0
1
1
0
0
01
31
100
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com