Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 49 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 49 Page - ams AG

Back Button AS3676 Datasheet HTML 45Page - ams AG AS3676 Datasheet HTML 46Page - ams AG AS3676 Datasheet HTML 47Page - ams AG AS3676 Datasheet HTML 48Page - ams AG AS3676 Datasheet HTML 49Page - ams AG AS3676 Datasheet HTML 50Page - ams AG AS3676 Datasheet HTML 51Page - ams AG AS3676 Datasheet HTML 52Page - ams AG AS3676 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
48 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
This filtered signal can be readout from the register amb_result<7:0>.
Each of the available three channels (N=1, 2 or 3) has six 8-bit registers:
- groupN_y0: define current multiplier for values below groupN_X1
- groupN_y3: define current multiplier for high values (actual starting point defined by groupN_x1,groupN_k1 and
groupN_x2,groupN_k2)
- groupN_x1, groupN_k1: If ADC reading is > groupN_x1 then groupN_k1 divided by 32 defines the slope of the
first ramp
- groupN_x2, groupN_k2: If ADC reading is > groupN_x2 then groupN_k2 divided by 32 defines the slope of the
second ramp
Each current sources has a 2 bit register (currX_amb_group) to select None, Group1, Group2 or Group3 of ambient
light sensing.
The calculations are done every 1ms resulting in a flicker-free 1000Hz update rate of the current sources.
Note: A current source should not use adder or subtractor current at the same time together with ALS (e.g.
curr1_adder=1 and curr1_amb_group=01, 10 or 11). For details see austriamicrosystems application note
AN3676_ALS_with_adder_current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com