Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 7 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 7 Page - ams AG

Back Button AS3676 Datasheet HTML 3Page - ams AG AS3676 Datasheet HTML 4Page - ams AG AS3676 Datasheet HTML 5Page - ams AG AS3676 Datasheet HTML 6Page - ams AG AS3676 Datasheet HTML 7Page - ams AG AS3676 Datasheet HTML 8Page - ams AG AS3676 Datasheet HTML 9Page - ams AG AS3676 Datasheet HTML 10Page - ams AG AS3676 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
6 - 91
AS3676
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Table 4, “Operating
Conditions,” on page 6 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
6 Electrical Characteristics
Table 3. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
VIN_HV
26V Pins
-0.3
26
V
Applicable for high-voltage
current sink pins CURR1,
CURR2, CURR6
VIN_MV
5V Pins
-0.3
7.0
V
Applicable for 5V pins
VBAT, CURR30-33,
CURR41-43, RGB1-3, C1_N,
C2_N, C1_P, C2_P, CPOUT,
DCDC_FB, DCDC_GATE,
CLK, DATA;
VIN_LV
3.3V Pins
-0.3
5.0
V
Applicable for 3.3V pins
V2_5; DCDC_SNS, GPIO1/
DLS, GPIO2/LIGHT, VANA/
GPI
Input Pin Current
-25
+25
mA
At 25ºC, Norm: JEDEC 17
Tstrg
Storage Temperature Range
-55
125
ºC
IIN
Humidity
5
85
%
Non-condensing
VESD
Electrostatic Discharge
-2000
2000
V
Norm: MIL 883 E Method
3015
Pt
Total Power Dissipation
0.75
W
TA = 70 ºC, Tjunc_max =
125ºC
TBODY
Peak Body Temperature
260
ºC
T = 20 to 40s, in accordance
with IPC/JEDEC J-STD 020.
MSL
Moisture Sensitivity Level
MSL 1
Represents a max. floor life
time of unlimited
Table 4. Operating Conditions
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General Operating Conditions
VHV
High Voltage
Applicable for high-voltage current sink pins
CURR1, CURR2 and CURR6.
0.0
26.0
V
VBAT
Battery Voltage
Pin VBAT
3.0
3.6
5.5
V
VPERI
Periphery Supply
Voltage
For serial interface pins.
1.5
5.5
V
V2_5
Voltage on Pin V2_5
Internally generated
2.4
2.5
2.6
V
TAMB
Operating
Temperature Range
-30
25
85
ºC
IACTIVE
Battery current
Normal Operating current (see Operating
Modes on page 80)
110
µA
ISTANDBY
Standby Mode Current
Current consumption in standby mode. Only
2.5V regulator on, interface active
813
µA
ISHUTDOWN
Shutdown Mode
Current
interface inactive (CLKand DATA set to 0V)
0.1
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com