Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 76 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 76 Page - ams AG

Back Button AS3676 Datasheet HTML 72Page - ams AG AS3676 Datasheet HTML 73Page - ams AG AS3676 Datasheet HTML 74Page - ams AG AS3676 Datasheet HTML 75Page - ams AG AS3676 Datasheet HTML 76Page - ams AG AS3676 Datasheet HTML 77Page - ams AG AS3676 Datasheet HTML 78Page - ams AG AS3676 Datasheet HTML 79Page - ams AG AS3676 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
75 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.9
Power-On Reset
The internal reset is controlled by two sources:

VBAT Supply

Serial interface state (CLK, DATA)
The internal reset is forced if VBAT is low or if both interface pins (CLK, DATA) are low for more than tPOR_DEB (typ.
100ms)
6. Then device enters shutdown mode. For details see section Operating Modes on page 80.
The reset levels control the state of all registers. As long as VBAT and CLK/DATA are below their reset thresholds, the
register contents are set to default. Access by serial interface is possible once the reset thresholds are exceeded.
Figure 33. Zero Power Device Wakeup block diagram
5:4
audio_source
00b
R/W
Audio Buffer input source
00
CURR33
01
DCDC_FB
10
GPIO1/DLS
11
GPIO2/LIGHT
6. Only if shutdwn_enab=1
Table 115. Power On Reset Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VPOR_VBAT
Overall Power-On
Reset
Monitor voltage on V2_5; power-on reset for
all internal functions.
1.8
2.15
2.4
1
V
Table 114. Audio Control 2
Register (Continued)
Addr: 55h
Audio Control 2
Audio Mode Control Register
Bit
Bit Name
Default Access
Description



 
 
 


!"
 # $  %&
'
()% ** ( +
* +%
,
,(,(
&" 
(
* -' .
/
-'
/
( ()% *"
/
-'
-'
/
AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com