Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 74 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 74 Page - ams AG

Back Button AS3676 Datasheet HTML 70Page - ams AG AS3676 Datasheet HTML 71Page - ams AG AS3676 Datasheet HTML 72Page - ams AG AS3676 Datasheet HTML 73Page - ams AG AS3676 Datasheet HTML 74Page - ams AG AS3676 Datasheet HTML 75Page - ams AG AS3676 Datasheet HTML 76Page - ams AG AS3676 Datasheet HTML 77Page - ams AG AS3676 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
73 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
1. Its safe to keep default value
2. Its safe to keep default value
Table 112. Audio output
Register
Addr: 48h
Audio output
Audio Sync input control
Bit
Bit Name
Default Access
Description
2:0
aud_amplitude
000b
R/W
LED(s) output amplitude control (in percent of selected
output current)
000
6.25%
001
12.5%
010
25%
011
50%
100
75%
101
87.5%
110
93.75%
111
100%
4
curr126_aud_on
0b
R/W
Audio controlled LED enable for CURR1, CURR2, CURR6
0off
1
on, audio controlled LED is enabled
5
rgbx_aud_on
0b
R/W
Audio controlled LED enable for RGB1-RGB3
0off
1
on, audio controlled LED is enabled
6
curr4x_aud_on
0b
R/W
Audio controlled LED enable for CURR41-CURR43
0off
1
on, audio controlled LED is enabled
Table 113. CURR3x audio source
Register
Addr: 53h
CURR3x audio source
Controls CURR30,31,32,33 audio outputs and enables audio controlled LED
Bit
Bit Name
Default Access
Description
1:0
curr30_aud_src[1:0]
00b
R/W
Audio controlled LED source for CURR30
00
All other modes
01
ch1 connected to CURR30, audio controlled
LED on
10
ch2 connected to CURR30, audio controlled
LED on
11
ch3 connected to CURR30, audio controlled
LED on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com