Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 23 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 23 Page - ams AG

Back Button AS3676 Datasheet HTML 19Page - ams AG AS3676 Datasheet HTML 20Page - ams AG AS3676 Datasheet HTML 21Page - ams AG AS3676 Datasheet HTML 22Page - ams AG AS3676 Datasheet HTML 23Page - ams AG AS3676 Datasheet HTML 24Page - ams AG AS3676 Datasheet HTML 25Page - ams AG AS3676 Datasheet HTML 26Page - ams AG AS3676 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
22 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
4
curr43_on_cp
0R/W
0
current Sink CURR43 is not connected to charge
pump
1
current sink CURR43 is connected to charge pump
7
curr6_on_cp
0R/W
0
current Sink CURR6 is not connected to charge
pump
1
current sink CURR6 is connected to charge pump
Table 19. Curr low voltage status1
Register
Addr: 2Ah
Curr low voltage status1
Indicates the low voltage status of the current sinks. If the currX_low_v bit is
set, the voltage on the current sink is too low, to drive the selected output
current
Bit
Bit Name
Default Access
Description
0
curr30_low_v
NA
R
0
voltage of current Sink CURR30 >currlv_switch
1
voltage of current Sink CURR30 <currlv_switch
1
curr31_low_v
NA
R
0
voltage of current Sink CURR31 >currlv_switch
1
voltage of current Sink CURR31 <currlv_switch
2
curr32_low_v
NA
R
0
voltage of current Sink CURR32 >currlv_switch
1
voltage of current Sink CURR32 <currlv_switch
3
curr33_low_v
NA
R
0
voltage of current Sink CURR33 >currlv_switch
1
voltage of current Sink CURR33 <currlv_switch
4
rgb1_low_v
NA
R
0
voltage of current Sink RGB1 >currlv_switch
1
voltage of current Sink RGB1 <currlv_switch
5
rgb2_low_v
NA
R
0
voltage of current Sink RGB2 >currlv_switch
1
voltage of current Sink RGB2 <currlv_switch
6
rgb3_low_v
NA
R
0
voltage of current Sink RGB3 >currlv_switch
1
voltage of current Sink RGB31 <currlv_switch
7
curr6_low_v
NA
R
0
voltage of current Sink CURR6 >currlv_switch
1
voltage of current Sink CURR6 <currlv_switch
Table 20. Curr low voltage status2
Register
Addr: 2Bh
Curr low voltage status2
Indicates the low voltage status of the current sinks. If the currX_low_v bit is
set, the voltage on the current sink is too low, to drive the selected output
current
Bit
Bit Name
Default Access
Description
0
curr1_low_v
NA
R
0
voltage of current Sink CURR1 >currhv_switch
1
voltage of current Sink CURR1 <currhv_switch
Table 18. CP mode Switch2
Register (Continued)
Addr: 25h
CP mode Switch2
Setup which current sinks are connected (via LEDs) to the charge pump; if set
to ‘1’ the correspond current source (sink) is used for automatic mode selection
of the charge pump
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com