Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 73 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 73 Page - ams AG

Back Button AS3676 Datasheet HTML 69Page - ams AG AS3676 Datasheet HTML 70Page - ams AG AS3676 Datasheet HTML 71Page - ams AG AS3676 Datasheet HTML 72Page - ams AG AS3676 Datasheet HTML 73Page - ams AG AS3676 Datasheet HTML 74Page - ams AG AS3676 Datasheet HTML 75Page - ams AG AS3676 Datasheet HTML 76Page - ams AG AS3676 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
72 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
7:6
audio_speed_down
00b
R/W
Audio controlled LED persistence time (ramping down)
00
none
01
200ms
10
400ms
11
800ms
Table 111. Audio input
Register
Addr: 47h
Audio input
Audio Sync input control
Bit
Bit Name
Default Access
Description
2:0
audio_gain
000b
R/W
Audio input buffer gain control
000
-12dB
001
-6dB
010
0dB
011
+6dB
100
+12dB
101
+18dB
110
+24dB
111
+30dB
5:3
agc_ctrl
000b
R/W
Audio input buffer AGC function controls AGC switching
threshold
000
AGC off
001
Attenuate low amplitude signals otherwise linear
response (to remove e.g. noise)
010
AGC curve A; slow decay of amplitude detection
011
AGC curve A; fast decay of amplitude detection
100
AGC curve B; slow decay of amplitude detection
101
AGC curve B; fast decay of amplitude detection
110
AGC curve C; slow decay of amplitude detection
111
AGC curve C; fast decay of amplitude detection
6
audio_man_start
1
0b
R/W
Startup Control of audio input buffer (used to charge
optional external dc blocking capacitor)
0
automatic precharging 300us (if audio_dis_start = 0)
1
continuously precharging (if aud_buf_on = 1)
7
audio_dis_start
2
0b
R/W
Disable Startup Control of audio input buffer (used to
charge optional external dc blocking capacitor)
0
precharging enabled
1
precharging disabled
Table 110. Audio Control
Register (Continued)
Addr: 46h
Audio Control
Audio Sync Mode control
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com