Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 18 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 18 Page - ams AG

Back Button AS3676 Datasheet HTML 14Page - ams AG AS3676 Datasheet HTML 15Page - ams AG AS3676 Datasheet HTML 16Page - ams AG AS3676 Datasheet HTML 17Page - ams AG AS3676 Datasheet HTML 18Page - ams AG AS3676 Datasheet HTML 19Page - ams AG AS3676 Datasheet HTML 20Page - ams AG AS3676 Datasheet HTML 21Page - ams AG AS3676 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
17 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n

Battery voltage = 3.7V, LED dropout voltage = 3.5V. The 1:1 mode will be selected and there is 200mV drop on the
current sink and on the Charge Pump switch. Efficiency 95%.

Battery voltage = 3.5V, LED dropout voltage = 3.5V. The 1:1.5 mode will be selected and there is 1.5V drop on the
current sink and 250mV on the Charge Pump. Efficiency 66%.
The efficiency is dependent on the LED forward voltage given by:
Eff=(V_LED*Iout)/(Uin*Iin)
(EQ 4)
The charge pump mode switching can be done manually or automatically with the following possible software settings:

Automatic up all modes allowed (1:1, 1:1.5, 1:2)
- Start with 1:1 mode
- Switch up automatically 1:1 to 1:1.5 to 1:2

Automatic up, but only 1:1 and 1:1.5 allowed
- Start with 1:1 mode
- Switch up automatically only from 1:1 to 1:1.5 mode; 1:2 mode is not used

Manual
- Set modes 1:1, 1:1.5, 1:2 by software
Figure 13. Charge Pump Pin Connections
The Charge Pump requires the external components listed in the following table:
Note: The connections of the external capacitors C2, C3, C4 and C5 should be kept as short as possible.
Table 13. Charge Pump External Components
Symbol
Parameter
Condition
Min
Typ
Max
Unit
C2
External Decoupling
Capacitor
Ceramic low-ESR capacitor between pins
VBAT and VSS.
1.0
µF
C3, C4
External Flying
Capacitor (2x)
Ceramic low-ESR capacitor between pins
C1_P and C1_N, between pins C2_P and
C2_N and between VBAT and VSS
1.0
µF
C5
External Storage
Capacitor
Ceramic low-ESR capacitor between pins
CPOUT and VSS, pins CPOUT and VSS. Use
nominal 2.2µF capacitors (size 0603)
2.2
µF
  
  










AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com