Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 68 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 68 Page - ams AG

Back Button AS3676 Datasheet HTML 64Page - ams AG AS3676 Datasheet HTML 65Page - ams AG AS3676 Datasheet HTML 66Page - ams AG AS3676 Datasheet HTML 67Page - ams AG AS3676 Datasheet HTML 68Page - ams AG AS3676 Datasheet HTML 69Page - ams AG AS3676 Datasheet HTML 70Page - ams AG AS3676 Datasheet HTML 71Page - ams AG AS3676 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
67 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 108. ADC_control
Register
Addr: 26h
ADC_control
This register input source selection and initialization of ADC
Bit
Bit Name
Default Access
Description
5:0
adc_select
1
03h
R/W
Selects input source as ADC input
000000 (00h)
GPIO2/LIGHT
000001 (01h)
VANA/GPI
000010 (02h)
GPIO1/DLS
000011 (03h)
audio controlled LED buffer output
000100 (04h)
reserved
000101 (05h)
RGB1
000110 (06h)
RGB2
000111 (07h)
RGB3
001000 (08h)
CURR1
001001 (09h)
CURR2
001010 (0Ah)
CURR30
001011 (0Bh)
CURR31
001100 (0Ch)
CURR32
001101 (0Dh)
CURR33
001110 (0Eh)
CURR41
001111 (0Fh)
CURR42
010000 (10h)
CURR43
010001 (11h)
reserved
010010 (12h)
reserved
010011 (13h)
CURR6
010100 (14h)
VBAT
010101 (15h)
CPOUT
010110 (16h)
DCDC_FB
010111 (17h)
ADCTEMP_CODE (junction temperature)
011xxx,
1xxxxx
reserved
6
NA
7
start_conversion
N/A
W
Writing a 1 into this bit starts one ADC conversion cycle.
1. See Table Table 104 for ADC ranges and resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com