Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 71 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 71 Page - ams AG

Back Button AS3676 Datasheet HTML 67Page - ams AG AS3676 Datasheet HTML 68Page - ams AG AS3676 Datasheet HTML 69Page - ams AG AS3676 Datasheet HTML 70Page - ams AG AS3676 Datasheet HTML 71Page - ams AG AS3676 Datasheet HTML 72Page - ams AG AS3676 Datasheet HTML 73Page - ams AG AS3676 Datasheet HTML 74Page - ams AG AS3676 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
70 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 29. Audio controlled LED digital processing internal circuit
These three output channels (ch1, ch2, ch3) can be routed to any of the current sources according to Figure 28.
The input amplitude is mapped into different colors (Look Up Table in Figure 29) for RGB LED(s) or brightness for sin-
gle color LED(s). The mapping is controlled by the register audio_color. If audio_color = 000, then the mapping is done
as follows:
Very low amplitudes are mapped to black, for higher amplitudes, the color smoothly transitions from blue, green, cyan,
yellow, red and eventually to white (for high input amplitudes).
8.8.1 AGC
The AGC is used to ‘compress’ the input signal and to attenuate very low input amplitude signals (this is performed to
ensure no light output for low signals especially for noisy input signals).
The AGC monitors the input signal amplitude and filters this amplitude with a filter with a short attack time, but a long
decay time (decay time depends on the register agc_ctrl). This amplitude measurement (represented by an integer
value from 0 to 15) is then used to amplify or attenuate the input signal with one of the following amplification ratios
(output to input ratio) – the curve A, B, or C is selected depending on the register agc_ctrl:
Figure 30. AGC curve A (x-axis: input amplitude, y-axis: output amplitude; actual value: gain between output to
input)
 











! 
 "  #
 "  $%
! & ""%!
%
  
AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com