Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 32 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 32 Page - ams AG

Back Button AS3676 Datasheet HTML 28Page - ams AG AS3676 Datasheet HTML 29Page - ams AG AS3676 Datasheet HTML 30Page - ams AG AS3676 Datasheet HTML 31Page - ams AG AS3676 Datasheet HTML 32Page - ams AG AS3676 Datasheet HTML 33Page - ams AG AS3676 Datasheet HTML 34Page - ams AG AS3676 Datasheet HTML 35Page - ams AG AS3676 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
31 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 37. Curr33 current
Register
Addr: 43h
Curr33 current
This register selects the current of the current sink33
Bit
Bit Name
Default Access
Description
7:0
curr33_current
00
R/W
Selects curr33 current, if curr33 is not used for strobe/
preview (curr33_mode=11b)
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA
Table 38. curr3 control1
Register
Addr: 03h
curr3 control1
This register select the mode of the current sinks30 - 33
Bit
Bit Name
Default Access
Description
1:0
curr30_mode
0R/W
Select the mode of the current sink curr30
00b
off
01b
strobe/preview
10b
curr30_current or curr3x_other PWM controlled
11b
curr30_current or curr3x_other - don’t use
curr3x_other if softdim_pattern=1, use
curr30_current instead
3:2
curr31_mode
0R/W
Select the mode of the current sink curr31
00b
off
01b
strobe/preview
10b
curr31_current or curr3x_other PWM controlled
11b
curr31_current - don’t use curr3x_other if
softdim_pattern=1, use curr31_current instead
5:4
curr32_mode
0R/W
Select the mode of the current sink CURR32
00b
off
01b
strobe/preview
10b
curr32_current or curr3x_other PWM controlled
11b
curr32_current or curr3x_other - don’t use
curr3x_other if softdim_pattern=1, use
curr32_current instead
7:6
curr33_mode
0R/W
Select the mode of the current sink curr33
00b
off
01b
strobe/preview
10b
curr33_current or curr3x_other PWM controlled
11b
curr33_current or curr3x_other- don’t use
curr3x_other if softdim_pattern=1, use
curr33_current instead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com