Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 19 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 19 Page - ams AG

Back Button AS3676 Datasheet HTML 15Page - ams AG AS3676 Datasheet HTML 16Page - ams AG AS3676 Datasheet HTML 17Page - ams AG AS3676 Datasheet HTML 18Page - ams AG AS3676 Datasheet HTML 19Page - ams AG AS3676 Datasheet HTML 20Page - ams AG AS3676 Datasheet HTML 21Page - ams AG AS3676 Datasheet HTML 22Page - ams AG AS3676 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
18 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
The maximum voltage on the flying capacitors C3 and C4 is VBAT.
8.3.1
Charge Pump Mode Switching
If automatic mode switching is enabled (cp_mode_switching (see page 20) = 00 or cp_mode_switching = 01) the
charge pump monitors the current sinks, which are connected via a led to the output CPOUT. To identify these current
sources (sinks), the registers CP mode Switch1 and CP mode Switch2 (register bits curr30_on_cp (see page 21) …
curr33_on_cp, rgb1_on_cp … rgb3_on_cp, curr1_on_cp, curr2_on_cp, curr41_on_cp … curr43_on_cp and
curr6_on_cp) should be setup before starting the charge pump (cp_on (see page 20) = 1). If any of the voltage on
these current sources drops below the threshold (currlv_switch, currhv_switch), the next higher mode is selected after
the debounce time.
To avoid switching into 1:2 mode (battery current = 2 times output current), set cp_mode_switching = 01.
If the currX_on_cp=0 and the according current sink is connected to the charge pump, the current sink will be func-
tional, but there is no up switching of the charge pump, if the voltage compliance is too low for the current sink to sup-
ply the specified current.
Table 14. Charge Pump Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ICPOUT
Output Current
Continuous
Depending on PCB layout
0.0
400
mA
Output Current
Pulsed
max. 200ms
VCPOUT=
VBAT * CPMODE – ILOAD * RCP
0.0
500
mA
VCPOUTmax
Output Voltage
Internally limited, Including output ripple
5.6
V

Efficiency
Including current sink loss;
ICPOUT < 100mA.
60
90
%
ICP1_1.5
Power Consumption
without Load
fclk = 1 MHz
1:1.5 Mode
3.4
mA
ICP1_2
1:2 Mode
3.8
Rcp1_1
Effective Charge
Pump Output
Resistance (Open
Loop, fclk = 1MHz)
1:1 Mode; VBAT
3.5V
0.57
Rcp1_1.5
1:1.5 Mode; VBAT
 3.3V
2.65
Rcp1_2
1:1.2 Mode; VBAT
 3.1V
3.25
fclk Accuracy
Accuracy of Clock
Frequency
-10
10
%
currhv_switch
CURR1, 2, 6
minimum voltage
If the voltage drops below this threshold, the
charge pump will use the next available
mode
(1:1 -> 1:1.5 or 1:1.5 -> 1:2)
0.45
V
currlv_switch
CURR30-33, RGB1-
3, CURR41-3,
minimum voltage
0.2
V
CURR30-33
0-75.6mA range
for strobe if
curr3x_strobe_high=
1
0.4
V
tdeb
CP automatic up-
switching debounce
time
cp_start_debounce=0
240
µsec
After switching on CP (cp_on set to 1), if
cp_start_debounce=1
2000
µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com