Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 57 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 57 Page - ams AG

Back Button AS3676 Datasheet HTML 53Page - ams AG AS3676 Datasheet HTML 54Page - ams AG AS3676 Datasheet HTML 55Page - ams AG AS3676 Datasheet HTML 56Page - ams AG AS3676 Datasheet HTML 57Page - ams AG AS3676 Datasheet HTML 58Page - ams AG AS3676 Datasheet HTML 59Page - ams AG AS3676 Datasheet HTML 60Page - ams AG AS3676 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
56 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 24. DLS (Dynamic Luminance Scaling) internal circuit shown for a single current sink
Table 92. DLS mode control1
Register
Addr: 56h
DLS mode control1
Setup which current sinks are connected to the DLS; if set to '1' the
correspond current source (sink) is combined with the DLS input
Bit
Bit Name
Default Access
Description
0
curr30_on_dls
0R/W
0
CURR30 current sink is not combined with DLS
1
CURR30 current sink is combined with DLS
1
curr31_on_dls
0R/W
0
CURR31 current sink is not combined with DLS
1
CURR31 current sink is combined with DLS
2
curr32_on_dls
0R/W
0
CURR32 current sink is not combined with DLS
1
CURR32 current sink is combined with DLS
3
curr33_on_dls
0R/W
0
CURR33 current sink is not combined with DLS
1
CURR33 current sink is combined with DLS
4
rgb1_on_dls
0R/W
0
RGB1 current sink is not combined with DLS
1
RGB1 current sink is combined with DLS
5
rgb2_on_dls
0R/W
0
RGB2 current sink is not combined with DLS
1
RGB2 current sink is combined with DLS
6
rgb3_on_dls
0R/W
0
RGB3 current sink is not combined with DLS
1
RGB3 current sink is combined with DLS
Table 93. DLS mode control2
Register
Addr: 57h
DLS mode control2
Setup which current sinks are connected to the DLS; if set to '1' the
correspond current source (sink) is combined with the DLS input
Bit
Bit Name
Default Access
Description
0
curr1_on_dls
0R/W
0
CURR1 current sink is not combined with DLS
1
CURR1 current sink is combined with DLS




  !
" #$% "&'
"
 (
) 
 

%*
+!),
+!),
 
" -$ %*
AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com