Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 91 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 91 Page - ams AG

Back Button AS3676 Datasheet HTML 84Page - ams AG AS3676 Datasheet HTML 85Page - ams AG AS3676 Datasheet HTML 86Page - ams AG AS3676 Datasheet HTML 87Page - ams AG AS3676 Datasheet HTML 88Page - ams AG AS3676 Datasheet HTML 89Page - ams AG AS3676 Datasheet HTML 90Page - ams AG AS3676 Datasheet HTML 91Page - ams AG AS3676 Datasheet HTML 92Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
90 - 91
AS3676
Datasheet - O r d e r i n g I n f o r m a t i o n
12 Ordering Information
The devices are available as the standard products shown in Table 123.
Note: All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Note: AS3676-ZWLT
AS3676-
Z
Temperature Range: -30ºC - 85ºC
WL
Package: Wafer Level Chip Scale Package (WL-CSP) 3x2.5mm
T
Delivery Form: Tape & Reel
Table 123. Ordering Information
Model
Description
Delivery Form
Package
AS3676-ZWLT
AS3676
Wafer Level Chip Scale Package,
size 3x2.5mm, 6x5 balls, 0.5mm pitch,
Pb-Free
Tape & Reel
30pin WL-CSP
(3x2.5mm)
RoHS compliant / Pb-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com