Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 16 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 16 Page - ams AG

Back Button AS3676 Datasheet HTML 12Page - ams AG AS3676 Datasheet HTML 13Page - ams AG AS3676 Datasheet HTML 14Page - ams AG AS3676 Datasheet HTML 15Page - ams AG AS3676 Datasheet HTML 16Page - ams AG AS3676 Datasheet HTML 17Page - ams AG AS3676 Datasheet HTML 18Page - ams AG AS3676 Datasheet HTML 19Page - ams AG AS3676 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
15 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.2.6
Step up Registers
3. DCDC_FB can be used as a general purpose ADC input (see Analog-to-Digital Converter on page 65)
Table 10. Reg. control
Register
Addr: 00
Reg. control
This register enables/disables the Charge Pump and the Step Up DC/DC
Converter.
Bit
Bit Name
Default Access
Description
3
step_up_on
0R/W
Enable the step up converter
0b
Disable the Step Up DC/DC Converter
1b
Enable the Step Up DC/DC Converter
Table 11. DCDC control1
Register
Addr: 21h
DCDC control1
This register controls the Step Up DC/DC Converter.
Bit
Bit Name
Default Access
Description
0
step_up_frequ
0
R/W
Defines the clock frequency of the Step Up DC/DC
Converter.
01MHz
1
500kHz
2:1
step_up_fb
00
R/W
Controls the feedback source if step_up_fb_auto = 0
00
DCDC_FB enabled (external resistor divider).
Set step_up_fb=00 (DCDC_FB)
01
CURR1 feedback enabled (feedback via LEDs)
10
CURR2 feedback enabled (feedback via LEDs)
11
CURR6 feedback enabled (feedback via LEDs)
7:3
step_up_vtuning
00000
R/W
Defines the tuning current at pin DCDC_FB.
00000
0 µA
00001
1 µA
00010
2 µA
....
10000
15 µA
.....
11111
31 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com