Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 88 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 88 Page - ams AG

Back Button AS3676 Datasheet HTML 84Page - ams AG AS3676 Datasheet HTML 85Page - ams AG AS3676 Datasheet HTML 86Page - ams AG AS3676 Datasheet HTML 87Page - ams AG AS3676 Datasheet HTML 88Page - ams AG AS3676 Datasheet HTML 89Page - ams AG AS3676 Datasheet HTML 90Page - ams AG AS3676 Datasheet HTML 91Page - ams AG AS3676 Datasheet HTML 92Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
87 - 91
AS3676
Datasheet - E x t e r n a l C o m p o n e n ts
As system efficiency is depending on LED configurations, external components and operating conditions, see austria-
microsystems application note ‘Mobile Backlight Selection Guide 1vx.pdf’ for optimizing efficiency and components
size (coil L1, transistor Q1, diode D1).
Q1 (+ D1)
Fairchild FDFMA3N109
Integrated NMOS and Schottky
diode
MicroFET
2x2mm
Fairchild FDFME3N311ZT or
OnSemi NTLUF4189NZ
Integrated NMOS and Schottky
diode; recommended for
configurations up to 12 LEDs
MicroFET
1.6x1.6mm
D2:D20
LED
As required by application
1. in 1/100 inch (unless otherwise specified)
2. Specified >1µF at 20V; use up to 20V DCDC output voltage
3. Results in improved efficiency compared to 10µH
4. For highest efficiency
Table 122. External Components List
Part Number
Min
Value
Typ
Max
tol.
(min.)
Rating
(max)
Notes
Package
(min.)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com