Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 80 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 80 Page - ams AG

Back Button AS3676 Datasheet HTML 76Page - ams AG AS3676 Datasheet HTML 77Page - ams AG AS3676 Datasheet HTML 78Page - ams AG AS3676 Datasheet HTML 79Page - ams AG AS3676 Datasheet HTML 80Page - ams AG AS3676 Datasheet HTML 81Page - ams AG AS3676 Datasheet HTML 82Page - ams AG AS3676 Datasheet HTML 83Page - ams AG AS3676 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
79 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 37. Serial Interface Page Write
Byte Write and Page Write formats are used to write data to the slave.
The transmission begins with the START condition, which is generated by the master when the bus is in IDLE state
(the bus is free). The device-write address is followed by the word address. After the word address any number of data
bytes can be sent to the slave. The word address is incremented internally, in order to write subsequent data bytes on
subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be done either with a
repeated START condition followed by the device-read address, or simply with a new transmission START followed by
the device-read address, when the bus is in IDLE state. The device-read address is always followed by the 1st register
byte transmitted from the slave. In Read Mode any number of subsequent register bytes can be read from the slave.
The word address is incremented internally.
The following diagrams show the serial read formats supported by the AS3676.
Figure 38. Serial Interface Random Read
Random Read and Sequential Read are combined formats. The repeated START condition is used to change the
direction after the data transfer from the master.
The word address transfer is initiated with a START condition issued by the master while the bus is idle. The START
condition is followed by the device-write address and the word address.
In order to change the data direction a repeated START condition is issued on the 1st CLKpulse after the ACKNOWL-
EDGE bit of the word address transfer. After the reception of the device-read address, the slave becomes the transmit-
ter. In this state the slave transmits register data located by the previous received word address vector. The master
responds to the data byte with a NOT ACKNOWLEDGE, and issues a STOP condition on the bus.
Figure 39. Serial Interface Sequential Read
Sequential Read is the extended form of Random Read, as multiple register-data bytes are subsequently transferred.
In contrast to the Random Read, in a sequential read the transferred register-data bytes are responded by an acknowl-
edge from the master. The number of data bytes transferred in one sequence is unlimited (consider the behavior of the
word-address counter). To terminate the transmission the master has to send a NOT ACKNOWLEDGE following the
last data byte and subsequently generate the STOP condition.
S
DW
A
WA
A
reg_data 1
A
reg_data 2
A
…
reg_datan
A P
Write Register
WA++
Write Register
WA++
Write Register
WA++
AS3675 (= Slave) receives data
AS3675 (= Slave) transmits data
S
DW
A
WA
A Sr
DR
A
data
N P
Read Register
WA++
AS3675 (= slave) receives data
AS3675 (= slave) transmits data
S
DW
A
WA
A Sr
DR
A
data 1
A
data 2
AS3675 (= slave) receives data
AS3675 (= slave) transmits data
...
A
data n
N P
Read Register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com