Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 30Page - Cypress Semiconductor BCM4354 Datasheet HTML 31Page - Cypress Semiconductor BCM4354 Datasheet HTML 32Page - Cypress Semiconductor BCM4354 Datasheet HTML 33Page - Cypress Semiconductor BCM4354 Datasheet HTML 34Page - Cypress Semiconductor BCM4354 Datasheet HTML 35Page - Cypress Semiconductor BCM4354 Datasheet HTML 36Page - Cypress Semiconductor BCM4354 Datasheet HTML 37Page - Cypress Semiconductor BCM4354 Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 192 page
background image
Bluetooth Radio
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 33
Bluetooth Radio
The BCM4354 has an integrated radio transceiver that has been optimized for use in 2.4 GHz Bluetooth wireless
systems. It has been designed to provide low-power, low-cost, robust communications for applications operating
in the globally available 2.4 GHz unlicensed ISM band. It is fully compliant with the Bluetooth Radio Specification
and EDR specification and meets or exceeds the requirements to provide the highest communication link quality
of service.
Transmit
The BCM4354 features a fully integrated zero-IF transmitter. The baseband transmit data is GFSK-modulated
in the modem block and upconverted to the 2.4 GHz ISM band in the transmitter path. The transmitter path
consists of signal filtering, I/Q upconversion, output power amplifier, and RF filtering. The transmitter path also
incorporates
/4–DQPSK for 2 Mbps and 8–DPSK for 3 Mbps to support EDR. The transmitter section is
compatible to the Bluetooth Low Energy specification. The transmitter PA bias can also be adjusted to provide
Bluetooth class 1 or class 2 operation.
Digital Modulator
The digital modulator performs the data modulation and filtering required for the GFSK,
/4–DQPSK, and
8–DPSK signal. The fully digital modulator minimizes any frequency drift or anomalies in the modulation
characteristics of the transmitted signal and is much more stable than direct VCO modulation schemes.
Digital Demodulator and Bit Synchronizer
The digital demodulator and bit synchronizer take the low-IF received signal and perform an optimal frequency
tracking and bit-synchronization algorithm.
Power Amplifier
The fully integrated PA supports Class 1 or Class 2 output using a highly linearized, temperature-compensated
design. This provides greater flexibility in front-end matching and filtering. Due to the linear nature of the PA
combined with some integrated filtering, external filtering is required to meet the Bluetooth and regulatory
harmonic and spurious requirements. For integrated mobile handset applications in which Bluetooth is
integrated next to the cellular radio, external filtering can be applied to achieve near thermal noise levels for
spurious and radiated noise emissions. The transmitter features a sophisticated on-chip transmit signal strength
indicator (TSSI) block to keep the absolute output power variation within a tight range across process, voltage,
and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com