Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 17Page - Cypress Semiconductor BCM4354 Datasheet HTML 18Page - Cypress Semiconductor BCM4354 Datasheet HTML 19Page - Cypress Semiconductor BCM4354 Datasheet HTML 20Page - Cypress Semiconductor BCM4354 Datasheet HTML 21Page - Cypress Semiconductor BCM4354 Datasheet HTML 22Page - Cypress Semiconductor BCM4354 Datasheet HTML 23Page - Cypress Semiconductor BCM4354 Datasheet HTML 24Page - Cypress Semiconductor BCM4354 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
Standards Compliance
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 20
Standards Compliance
The BCM4354 supports the following standards:
• Bluetooth 2.1 + EDR
• Bluetooth 3.0 + HS
• Bluetooth 4.1 (Bluetooth Low Energy)
• 65 MHz to 108 MHz FM bands (US, Europe, and Japan)
• IEEE802.11ac mandatory and optional requirements for 20 MHz, 40 MHz, and 80 MHz channels
• IEEE 802.11n—Handheld Device Class (Section 11)
• IEEE 802.11a
• IEEE 802.11b
• IEEE 802.11g
• IEEE 802.11d
• IEEE 802.11h
• IEEE 802.11i
• Security:
–WEP
– WPA™ Personal
– WPA2™ Personal
–WMM
– WMM-PS (U-APSD)
–WMM-SA
– AES (Hardware Accelerator)
– TKIP (HW Accelerator)
– CKIP (SW Support)
• Proprietary Protocols:
– CCXv2
– CCXv3
– CCXv4
– CCXv5
• IEEE 802.15.2 Coexistence Compliance—on silicon solution compliant with IEEE 3 wire requirements
The BCM4354 will support the following future drafts/standards:
• IEEE 802.11r—Fast Roaming (between APs)
• IEEE 802.11w—Secure Management Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com