Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 10Page - Cypress Semiconductor BCM4354 Datasheet HTML 11Page - Cypress Semiconductor BCM4354 Datasheet HTML 12Page - Cypress Semiconductor BCM4354 Datasheet HTML 13Page - Cypress Semiconductor BCM4354 Datasheet HTML 14Page - Cypress Semiconductor BCM4354 Datasheet HTML 15Page - Cypress Semiconductor BCM4354 Datasheet HTML 16Page - Cypress Semiconductor BCM4354 Datasheet HTML 17Page - Cypress Semiconductor BCM4354 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 192 page
background image
List of Figures
BCM4354 Data Sheet
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 13
BROADCOM CONFIDENTIAL
Figure 36: Port Locations (Applies to 2.4 GHz and 5 GHz) ........................................................................... 140
Figure 37: SDIO Bus Timing (Default Mode) ................................................................................................. 167
Figure 38: SDIO Bus Timing (High-Speed Mode).......................................................................................... 169
Figure 39: SDIO Clock Timing (SDR Modes) ................................................................................................ 170
Figure 40: SDIO Bus Input Timing (SDR Modes) .......................................................................................... 171
Figure 41: SDIO Bus Output Timing (SDR Modes up to 100 MHz) ............................................................... 172
Figure 42: SDIO Bus Output Timing (SDR Modes 100 MHz to 208 MHz)..................................................... 172
Figure 43: ∆tOP Consideration for Variable Data Window (SDR 104 Mode) ................................................. 173
Figure 44: SDIO Clock Timing (DDR50 Mode) .............................................................................................. 174
Figure 45: SDIO Data Timing (DDR50 Mode) ............................................................................................... 175
Figure 46: WLAN = ON, Bluetooth = ON ....................................................................................................... 181
Figure 47: WLAN = OFF, Bluetooth = OFF.................................................................................................... 181
Figure 48: WLAN = ON, Bluetooth = OFF ..................................................................................................... 182
Figure 49: WLAN = OFF, Bluetooth = ON ..................................................................................................... 182
Figure 50: WLAN Boot-Up Sequence ............................................................................................................ 183
Figure 51: 192-Ball WLBGA Package Mechanical Information ..................................................................... 186
Figure 52: WLBGA Keep-Out Areas for PCB Layout (Top View, Balls Facing Down) .................................. 187
Figure 53: 395-Bump WLCSP Package ........................................................................................................ 188
Figure 54: WLCSP Keep-Out Areas for PCB Layout (Top View, Balls Facing Down)................................... 189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com