Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor BCM4354 Datasheet HTML 10Page - Cypress Semiconductor BCM4354 Datasheet HTML 11Page - Cypress Semiconductor BCM4354 Datasheet HTML 12Page - Cypress Semiconductor BCM4354 Datasheet HTML 13Page - Cypress Semiconductor BCM4354 Datasheet HTML 14Page - Cypress Semiconductor BCM4354 Datasheet HTML 15Page - Cypress Semiconductor BCM4354 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 192 page
background image
Table of Contents
BCM4354 Data Sheet
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 11
BROADCOM CONFIDENTIAL
Section 18: Internal Regulator Electrical Specifications ............................................. 158
Core Buck Switching Regulator.............................................................................................................. 158
3.3V LDO (LDO3P3) .................................................................................................................................. 159
3.3V LDO (LDO3P3_B).............................................................................................................................. 160
2.5V LDO (BTLDO2P5) ............................................................................................................................. 161
CLDO ......................................................................................................................................................... 162
LNLDO ....................................................................................................................................................... 163
Section 19: System Power Consumption...................................................................... 164
WLAN Current Consumption................................................................................................................... 164
Bluetooth and FM Current Consumption ............................................................................................... 166
Section 20: Interface Timing and AC Characteristics .................................................. 167
SDIO Timing.............................................................................................................................................. 167
SDIO Default Mode Timing ................................................................................................................. 167
SDIO High-Speed Mode Timing.......................................................................................................... 169
SDIO Bus Timing Specifications in SDR Modes ................................................................................. 170
Clock Timing ................................................................................................................................ 170
Device Input Timing ..................................................................................................................... 171
Device Output Timing................................................................................................................... 172
SDIO Bus Timing Specifications in DDR50 Mode............................................................................... 174
Data Timing, DDR50 Mode .......................................................................................................... 175
HSIC Interface Specifications.................................................................................................................. 176
PCI Express Interface Parameters .......................................................................................................... 177
JTAG Timing ............................................................................................................................................. 179
Section 21: Power-Up Sequence and Timing ............................................................... 180
Sequencing of Reset and Regulator Control Signals ........................................................................... 180
Description of Control Signals ............................................................................................................. 180
Control Signal Timing Diagrams.......................................................................................................... 181
Section 22: Package Information ................................................................................... 184
Package Thermal Characteristics ........................................................................................................... 184
Junction Temperature Estimation and PSIJT Versus ThetaJC.............................................................. 185
Environmental Characteristics................................................................................................................ 185
Section 23: Mechanical Information .............................................................................. 186
Section 24: Ordering Information .................................................................................. 190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com