Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 3Page - Cypress Semiconductor BCM4354 Datasheet HTML 4Page - Cypress Semiconductor BCM4354 Datasheet HTML 5Page - Cypress Semiconductor BCM4354 Datasheet HTML 6Page - Cypress Semiconductor BCM4354 Datasheet HTML 7Page - Cypress Semiconductor BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor BCM4354 Datasheet HTML 10Page - Cypress Semiconductor BCM4354 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 192 page
background image
Revision History
BCM4354 Data Sheet
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 6
BROADCOM CONFIDENTIAL
4354-DS101-R
11/06/13
Updated:
• Section 2: “Power Supplies and Power Management,” on page 27.
• “WLAN Power Management” on page 29.
• “Crystal Interface and Clock Generation” on page 32.
• Table 4: “Crystal Oscillator and External Clock — Requirements and
Performance,” on page 33: Frequency conditions.
• Figure 7: “Startup Signaling Sequence,” on page 43.
• “Receiver Path” on page 88.
• “Transmit Path” on page 88.
• Section 13: “Pinout and Signal Descriptions,” on page 89.
• Table 29: “GPIO Alternative Signal Functions,” on page 135.
• Table 34: “Recommended Operating Conditions and DC
Characteristics,” on page 142: DC supply voltage for digital I/O
(minimum value).
• Table 42: “WLAN 2.4 GHz Receiver Performance Specifications,” on
page 163: SISO/MIMO RX sensitivity.
• Table 46: “WLAN 5 GHz Receiver Performance Specifications,” on
page 180: SISO/MIMO RX sensitivity.
• Table 51: “LDO3P3 Specifications,” on page 192.
• Table 57: “Typical WLAN Power Consumption,” on page 199.
• Table 58: “Bluetooth BLE and FM Current Consumption,” on page
201.
• Section 22: “Package Information,” on page 219.
• Section 23: “Mechanical Information,” on page 221.
• Section 24: “Ordering Information,” on page 226.
Added:
• Figure 4: “Typical Power Topology for the BCM435X,” on page 28.
• “External 32.768 kHz Low-Power Oscillator” on page 35.
• Table 30: “GPIO Status Vs. Test Modes,” on page 136.
• Table 52: “LDO3P3_B Specifications,” on page 193.
4354-DS100-R
07/31/13
Initial release
Revision
Date
Change Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com