Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 27Page - Cypress Semiconductor BCM4354 Datasheet HTML 28Page - Cypress Semiconductor BCM4354 Datasheet HTML 29Page - Cypress Semiconductor BCM4354 Datasheet HTML 30Page - Cypress Semiconductor BCM4354 Datasheet HTML 31Page - Cypress Semiconductor BCM4354 Datasheet HTML 32Page - Cypress Semiconductor BCM4354 Datasheet HTML 33Page - Cypress Semiconductor BCM4354 Datasheet HTML 34Page - Cypress Semiconductor BCM4354 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 192 page
background image
External 32.768 kHz Low-Power Oscillator
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 30
External 32.768 kHz Low-Power Oscillator
The BCM4354 uses a secondary low-frequency clock for Low-Power mode timing. Either the internal low-
precision LPO or an external 32.768 kHz precision oscillator is required. The internal LPO frequency range is
approximately 33 kHz (± 30%) over process, voltage, and temperature, which is adequate for some
applications. However, one trade-off caused by this wide LPO tolerance is a small current consumption increase
during power save mode that is incurred by the need to wake up earlier to avoid missing beacons.
Whenever possible, the preferred approach is to use a precision external 32.768 kHz clock which meets the
requirements listed in Table 4.
Table 4: External 32.768 kHz Sleep Clock Specifications
Parameter
LPO Clock
Unit
Nominal input frequency
32.768
kHz
Frequency accuracy
±200
ppm
Duty cycle
30–70
%
Input signal amplitude
200-3300
mV, p-p
Signal type
Square-wave or sine-wave
–
Input impedancea
a. When power is applied or switched off.
>100k
Ω
<5
pF
Clock jitter (during initial start-up)
< 10,000
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com