Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 39Page - Cypress Semiconductor BCM4354 Datasheet HTML 40Page - Cypress Semiconductor BCM4354 Datasheet HTML 41Page - Cypress Semiconductor BCM4354 Datasheet HTML 42Page - Cypress Semiconductor BCM4354 Datasheet HTML 43Page - Cypress Semiconductor BCM4354 Datasheet HTML 44Page - Cypress Semiconductor BCM4354 Datasheet HTML 45Page - Cypress Semiconductor BCM4354 Datasheet HTML 46Page - Cypress Semiconductor BCM4354 Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 192 page
background image
Advanced Bluetooth/WLAN Coexistence
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 42
Advanced Bluetooth/WLAN Coexistence
The BCM4354 includes advanced coexistence technologies that are only possible with a Bluetooth/WLAN
integrated die solution. These coexistence technologies are targeted at small form-factor platforms, such as cell
phones and media players, including applications such as VoWLAN + SCO and Video-over-WLAN + High
Fidelity BT Stereo.
Support is provided for platforms that share a single antenna between Bluetooth and WLAN. Dual-antenna
applications are also supported. The BCM4354 radio architecture allows for lossless simultaneous Bluetooth
and WLAN reception for shared antenna applications. This is possible only via an integrated solution (shared
LNA and joint AGC algorithm). It has superior performance versus implementations that need to arbitrate
between Bluetooth and WLAN reception.
The BCM4354 integrated solution enables MAC-layer signaling (firmware) and a greater degree of sharing via
an enhanced coexistence interface. Information is exchanged between the Bluetooth and WLAN cores without
host processor involvement.
The BCM4354 also supports Transmit Power Control on the STA together with standard Bluetooth TPC to limit
mutual interference and receiver desensitization. Preemption mechanisms are utilized to prevent AP
transmissions from colliding with Bluetooth frames. Improved channel classification techniques have been
implemented in Bluetooth for faster and more accurate detection and elimination of interferers (including non-
WLAN 2.4 GHz interference).
The Bluetooth AFH classification is also enhanced by the WLAN core’s channel information.
Fast Connection (Interlaced Page and Inquiry Scans)
The BCM4354 supports page scan and inquiry scan modes that significantly reduce the average inquiry
response and connection times. These scanning modes are compatible with the Bluetooth version 2.1 page and
inquiry procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com