Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 56Page - Cypress Semiconductor BCM4354 Datasheet HTML 57Page - Cypress Semiconductor BCM4354 Datasheet HTML 58Page - Cypress Semiconductor BCM4354 Datasheet HTML 59Page - Cypress Semiconductor BCM4354 Datasheet HTML 60Page - Cypress Semiconductor BCM4354 Datasheet HTML 61Page - Cypress Semiconductor BCM4354 Datasheet HTML 62Page - Cypress Semiconductor BCM4354 Datasheet HTML 63Page - Cypress Semiconductor BCM4354 Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 192 page
background image
I2S Interface
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 59
I2S Timing
Note: Timing values specified in Table 16 are relative to high and low threshold levels.
Table 16: Timing for I2S Transmitters and Receivers
Transmitter
Receiver
Notes
Lower LImit
Upper Limit
Lower Limit
Upper Limit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Clock Period T
Ttr
––
–
Tr
–––
a
a. The system clock period T must be greater than Ttr and Tr because both the transmitter and receiver have to be
able to handle the data transfer rate.
Master Mode: Clock generated by transmitter or receiver
HIGH tHC
0.35Ttr
–
–
–
0.35Ttr
–––
b
b. At all data rates in master mode, the transmitter or receiver generates a clock signal with a fixed mark/space
ratio. For this reason, tHC and tLC are specified with respect to T.
LOWtLC
0.35Ttr
–
–
–
0.35Ttr
–––
b
Slave Mode: Clock accepted by transmitter or receiver
HIGH tHC
–0.35Ttr
–––
0.35Ttr
––
c
c. In slave mode, the transmitter and receiver need a clock signal with minimum HIGH and LOW periods so that
they can detect the signal. So long as the minimum periods are greater than 0.35Tr, any clock that meets the
requirements can be used.
LOW tLC
–0.35Ttr
–––
0.35Ttr
––
c
Rise time tRC
–
–
0.15Ttr
–––––
d
d. Because the delay (tdtr) and the maximum transmitter speed (defined by Ttr) are related, a fast transmitter driven
by a slow clock edge can result in tdtr not exceeding tRC which means thtr becomes zero or negative. Therefore,
the transmitter has to guarantee that thtr is greater than or equal to zero, so long as the clock rise-time tRC is not
more than tRCmax, where tRCmax is not less than 0.15Ttr.
Transmitter
Delay tdtr
––
–
0.8T
––––
e
e. To allow data to be clocked out on a falling edge, the delay is specified with respect to the rising edge of the
clock signal and T, always giving the receiver sufficient setup time.
Hold time thtr
0–
––––––
d
Receiver
Setup time tsr
––
–––
0.2Tr
––
f
f. The data setup and hold time must not be less than the specified receiver setup and hold time.
Hold time thr
––
–––0––
f
Note: The time periods specified in Figure 19 and Figure 20 are defined by the transmitter speed. The
receiver specifications must match transmitter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com