Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 4Page - Cypress Semiconductor BCM4354 Datasheet HTML 5Page - Cypress Semiconductor BCM4354 Datasheet HTML 6Page - Cypress Semiconductor BCM4354 Datasheet HTML 7Page - Cypress Semiconductor BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor BCM4354 Datasheet HTML 10Page - Cypress Semiconductor BCM4354 Datasheet HTML 11Page - Cypress Semiconductor BCM4354 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 192 page
background image
Table of Contents
BCM4354 Data Sheet
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 7
BROADCOM CONFIDENTIAL
Table of Contents
About This Document ................................................................................................................................16
Purpose and Audience.......................................................................................................................... 16
Acronyms and Abbreviations................................................................................................................. 16
References............................................................................................................................................ 16
Technical Support ...................................................................................................................................... 16
Section 1: Overview .......................................................................................................... 17
Overview...................................................................................................................................................... 17
Features....................................................................................................................................................... 19
Standards Compliance............................................................................................................................... 20
Section 2: Power Supplies and Power Management ..................................................... 22
Power Supply Topology............................................................................................................................. 22
BCM4354 PMU Features ............................................................................................................................ 22
WLAN Power Management ........................................................................................................................ 24
PMU Sequencing ........................................................................................................................................ 25
Power-Off Shutdown .................................................................................................................................. 26
Power-Up/Power-Down/Reset Circuits..................................................................................................... 26
Section 3: Frequency References.................................................................................... 27
Crystal Interface and Clock Generation ................................................................................................... 27
External Frequency Reference.................................................................................................................. 28
External 32.768 kHz Low-Power Oscillator .............................................................................................. 30
Section 4: Bluetooth + FM Subsystem Overview ........................................................... 31
Features....................................................................................................................................................... 31
Bluetooth Radio.......................................................................................................................................... 33
Transmit ................................................................................................................................................ 33
Digital Modulator ................................................................................................................................... 33
Digital Demodulator and Bit Synchronizer............................................................................................. 33
Power Amplifier ..................................................................................................................................... 33
Receiver ................................................................................................................................................ 34
Digital Demodulator and Bit Synchronizer............................................................................................. 34
Receiver Signal Strength Indicator........................................................................................................ 34
Local Oscillator Generation................................................................................................................... 34
Calibration ............................................................................................................................................. 34
Section 5: Bluetooth Baseband Core .............................................................................. 35
Bluetooth 4.1 Features............................................................................................................................... 35
Bluetooth Low Energy ............................................................................................................................... 35
Link Control Layer...................................................................................................................................... 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com