Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 21Page - Cypress Semiconductor BCM4354 Datasheet HTML 22Page - Cypress Semiconductor BCM4354 Datasheet HTML 23Page - Cypress Semiconductor BCM4354 Datasheet HTML 24Page - Cypress Semiconductor BCM4354 Datasheet HTML 25Page - Cypress Semiconductor BCM4354 Datasheet HTML 26Page - Cypress Semiconductor BCM4354 Datasheet HTML 27Page - Cypress Semiconductor BCM4354 Datasheet HTML 28Page - Cypress Semiconductor BCM4354 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 192 page
background image
WLAN Power Management
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 24
WLAN Power Management
The BCM4354 has been designed with the stringent power consumption requirements of mobile devices in
mind. All areas of the chip design are optimized to minimize power consumption. Silicon processes and cell
libraries were chosen to reduce leakage current and supply voltages. Additionally, the BCM4354 integrated
RAM is a high Vt memory with dynamic clock control. The dominant supply current consumed by the RAM is
leakage current only. Additionally, the BCM4354 includes an advanced WLAN power management unit (PMU)
sequencer. The PMU sequencer provides significant power savings by putting the BCM4354 into various power
management states appropriate to the current environment and activities that are being performed. The power
management unit enables and disables internal regulators, switches, and other blocks based on a computation
of the required resources and a table that describes the relationship between resources and the time needed to
enable and disable them. Power up sequences are fully programmable. Configurable, free-running counters
(running at 32.768 kHz LPO clock) in the PMU sequencer are used to turn on/turn off individual regulators and
power switches. Clock speeds are dynamically changed (or gated altogether) for the current mode. Slower clock
speeds are used wherever possible.
The BCM4354 WLAN power states are described as follows:
• Active mode— All WLAN blocks in the BCM4354 are powered up and fully functional with active carrier
sensing and frame transmission and receiving. All required regulators are enabled and put in the most
efficient mode based on the load current. Clock speeds are dynamically adjusted by the PMU sequencer.
• Deep-sleep mode—Most of the chip including both analog and digital domains and most of the regulators
are powered off. All main clocks (PLL, crystal oscillator, or TCXO) are shut down to reduce active power to
the minimum. The 32.768 kHz LPO clock is available only for the PMU sequencer. This condition is
necessary to allow the PMU sequencer to wake up the chip and transition to Active mode. Logic states in
the digital core are saved and preserved into a retention memory in the always-ON domain before the
digital core is powered off. Upon a wake-up event triggered by the PMU timers, an external interrupt or a
host resume through the HSIC or SDIO bus, logic states in the digital core are restored to their pre-deep-
sleep settings to avoid lengthy HW reinitialization. In Deep-sleep mode, the primary source of power
consumption is leakage current.
• Power-down mode—The BCM4354 is effectively powered off by shutting down all internal regulators. The
chip is brought out of this mode by external logic re-enabling the internal regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com