Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 3 Page - Cypress Semiconductor

  BCM4354 Datasheet HTML 1Page - Cypress Semiconductor BCM4354 Datasheet HTML 2Page - Cypress Semiconductor BCM4354 Datasheet HTML 3Page - Cypress Semiconductor BCM4354 Datasheet HTML 4Page - Cypress Semiconductor BCM4354 Datasheet HTML 5Page - Cypress Semiconductor BCM4354 Datasheet HTML 6Page - Cypress Semiconductor BCM4354 Datasheet HTML 7Page - Cypress Semiconductor BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 192 page
background image
Revision History
BCM4354 Data Sheet
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 2
BROADCOM CONFIDENTIAL
FEATURES
IEEE 802.11X Key Features
• IEEE 802.11ac Draft compliant.
• Dual–stream spatial multiplexing up to
867 Mbps data rate.
• Supports 20, 40, and 80 MHz channels with
optional SGI (256 QAM modulation).
• Full IEEE 802.11a/b/g/n legacy compatibility
with enhanced performance.
• TX and RX low–density parity check (LDPC)
support for improved range and power
efficiency.
• Supports IEEE 802.11ac/n beamforming.
• On–chip power amplifiers and low–noise
amplifiers for both bands.
• Supports various RF front–end architectures
including:
– Two antennas with one each dedicated to
Bluetooth and WLAN.
– Two antennas with WLAN diversity and a
shared Bluetooth antenna.
• Shared Bluetooth and WLAN receive signal
path eliminates the need for an external
power splitter while maintaining excellent
sensitivity for both Bluetooth and WLAN.
• Internal fractional nPLL allows support for a
wide range of reference clock frequencies
• Supports IEEE 802.15.2 external
coexistence interface to optimize bandwidth
utilization with other co–located wireless.
technologies such as LTE or GPS.
• Supports standard SDIO v3.0 (up to SDR104
mode at 208 MHz, 4–bit and 1-bit) host
interfaces.
• Backward compatible with SDIO v2.0 host
interfaces.
• Alternative host interface supports HSIC v1.0
• PCIe mode complies with PCI Express base
specification revision 3.0 for ×1 lane and power
management running at Gen1 speeds.
• Integrated ARMCR4™ processor with tightly coupled
memory for complete WLAN subsystem functionality,
minimizing the need to wake up the applications
processor for standard WLAN functions. This allows for
further minimization of power consumption, while
maintaining the ability to field upgrade with future
features. On–chip memory includes 768 KB SRAM and
640 KB ROM.
• OneDriver™ software architecture for easy migration
from existing embedded WLAN and Bluetooth devices
as well as future devices.
Bluetooth and FM Key Features
• Complies with Bluetooth Core Specification Version 4.1
with provisions for supporting future specifications.
• Bluetooth Class 1 or Class 2 transmitter operation.
• Supports extended synchronous connections (eSCO),
for enhanced voice quality by allowing for retransmission
of dropped packets.
• Adaptive frequency hopping (AFH) for reducing radio
frequency interference.
• Interface support, host controller interface (HCI) using a
USB or high–speed UART interface and PCM for audio
data.
• USB 2.0 full–speed (12 Mbps) supported for Bluetooth.
• The FM unit supports HCI for communication.
• Low power consumption improves battery life of
handheld devices.
• FM receiver: 65 MHz to 108 MHz FM bands; supports
the European radio data systems (RDS) and the North
American radio broadcast data system (RBDS)
standards.
• Supports multiple simultaneous Advanced Audio
Distribution Profiles (A2DP) for stereo sound.
• Automatic frequency detection for standard crystal and
TCXO values.
• Supports serial flash interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com