Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 67Page - Cypress Semiconductor BCM4354 Datasheet HTML 68Page - Cypress Semiconductor BCM4354 Datasheet HTML 69Page - Cypress Semiconductor BCM4354 Datasheet HTML 70Page - Cypress Semiconductor BCM4354 Datasheet HTML 71Page - Cypress Semiconductor BCM4354 Datasheet HTML 72Page - Cypress Semiconductor BCM4354 Datasheet HTML 73Page - Cypress Semiconductor BCM4354 Datasheet HTML 74Page - Cypress Semiconductor BCM4354 Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 192 page
background image
HSIC Interface
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 70
Figure 26: Signal Connections to SDIO Host (SD 4-Bit Mode)
Figure 27: Signal Connections to SDIO Host (SD 1-Bit Mode)
HSIC Interface
As an alternative to SDIO, an HSIC host interface can be enabled using the strapping option pins
strap_host_ifc_[3:1]. HSIC is a simplified derivative of the USB2.0 interface designed to replace a standard USB
PHY and cable for short distances (up to 10 cm) on board point-to-point connections. Using two signals, a
bidirectional data strobe (STROBE) and a bidirectional DDR data signal (DATA), it provides high-speed serial
480 Mbps data transfers that are 100% host driver compatible with traditional USB 2.0 cable-connected
topologies.
Note: Per Section 6 of the SDIO specification, pull-ups in the 10 kΩ to 100 kΩ range are required on
the four DATA lines and the CMD line. This requirement must be met during all operating states either
through the use of external pull-up resistors or through proper programming of the SDIO host’s internal
pull-ups.
SD Host
CLK
CMD
DAT[3:0]
BCM4354
SD Host
CLK
CMD
DATA
IRQ
RW
BCM4354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com