Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 5 Page - Cypress Semiconductor

  BCM4354 Datasheet HTML 1Page - Cypress Semiconductor BCM4354 Datasheet HTML 2Page - Cypress Semiconductor BCM4354 Datasheet HTML 3Page - Cypress Semiconductor BCM4354 Datasheet HTML 4Page - Cypress Semiconductor BCM4354 Datasheet HTML 5Page - Cypress Semiconductor BCM4354 Datasheet HTML 6Page - Cypress Semiconductor BCM4354 Datasheet HTML 7Page - Cypress Semiconductor BCM4354 Datasheet HTML 8Page - Cypress Semiconductor BCM4354 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 192 page
background image
Revision History
BCM4354 Data Sheet
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 4
BROADCOM CONFIDENTIAL
Revision History
Revision
Date
Change Description
4354-DS109-R
10/15/14
Updated:
• “I/O States” on page 122.
• Figure 52: “WLBGA Keep-Out Areas for PCB Layout (Top View, Balls
Facing Down),” on page 187.
4354-DS108-R
08/08/14
Updated:
• Changed document type from “Preliminary Data Sheet” to “Data
Sheet”.
4354-DS107-R
06/30/14
Updated:
• “BCM4354 PMU Features” on page 22
• Figure 3: “Typical Power Topology for the BCM4354,” on page 23
• Table 18: “Pin List by Pin Number (192-Pin WLBGA Package),” on
page 85
• Table 19: “Pin List by Pin Name (192-Pin WLBGA Package),” on page
88
• Table 20: “395-Bump WLCSP Coordinates,” on page 91
• Table 21: “WLCSP Signal Descriptions,” on page 102
• Table 60: “PCI Express Interface Parameters,” on page 175
Added:
• “Electrostatic Discharge Specifications” on page 124
4354-DS106-R
05/20/14
Updated:
• Section 24: “Ordering Information,” on page 189.
4354-DS105-R
04/02/14
Updated:
• Table 4: “External 32.768 kHz Sleep Clock Specifications,” on page
28
• Figure 34: “WLBGA Ball Map, 4.87 × 7.67 Array, 192-Ball, A7–V12
(Bottom View — Balls Facing Up),” on page 84
• Table 49: “Bluetooth BLE and FM Current Consumption,” on page
164
• “Receiver Path” on page 80
• Figure 32: “Radio Functional Block Diagram (core 0),” on page 81
• Table 38: “WLAN 2.4 GHz Receiver Performance Specifications,” on
page 139
• Table 39: “WLAN 2.4 GHz Transmitter Performance Specifications,”
on page 145
• Table 40: “WLAN 5 GHz Receiver Performance Specifications,” on
page 147
• Table 41: “WLAN 5 GHz Transmitter Performance Specifications,” on
page 154
• General Spurious Emissions Specifications (deleted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com