Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 25Page - Cypress Semiconductor BCM4354 Datasheet HTML 26Page - Cypress Semiconductor BCM4354 Datasheet HTML 27Page - Cypress Semiconductor BCM4354 Datasheet HTML 28Page - Cypress Semiconductor BCM4354 Datasheet HTML 29Page - Cypress Semiconductor BCM4354 Datasheet HTML 30Page - Cypress Semiconductor BCM4354 Datasheet HTML 31Page - Cypress Semiconductor BCM4354 Datasheet HTML 32Page - Cypress Semiconductor BCM4354 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 192 page
background image
External Frequency Reference
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 28
External Frequency Reference
For operation in SDIO and HSIC modes only, an alternative to a crystal (an external precision frequency
reference) can be used. The recommended default frequency is 52 MHz ±10 ppm, and it must meet the phase
noise requirements listed in Table 3.
If used, the external clock should be connected to the WRF_XTAL_IN pin through an external 1000 pF coupling
capacitor, as shown in Figure 5. The internal clock buffer connected to this pin will be turned OFF when the
BCM4354 goes into sleep mode. When the clock buffer turns ON and OFF there will be a small impedance
variation. Power must be supplied to the WRF_XTAL_VDD1P5 pin.
Figure 5: Recommended Circuit to Use with an External Reference Clock
Table 3: Crystal Oscillator and External Clock —Requirements and Performance
Parameter
Conditions/Notes
Crystala
External Frequency
Referenceb,c
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency
2.4G and 5G bands: IEEE
802.11ac operation, SDIO3.0,
HSIC and PCIe WLAN
interfaces
35
37.4
–
–
52
–
MHz
2.4G and 5G bands, IEEE
802.11ac operation, PCIe
interface alternative frequency
–40
––––MHz
5G band: IEEE 802.11n
operation only
19
–
52
35
–
52
MHz
2.4G band: IEEE 802.11n
operation, and both bands
legacy 802.11a/b/g operation
only
Ranges between 19 MHz and 52 MHzd,e
Frequency tolerance
over the lifetime of the
equipment, including
temperaturef
Without trimming
–20
–
20
–20
–
20
ppm
Crystal load
capacitance
–
–
12
––––pF
ESR
–
––
60
–––
Ω
Reference
Clock
NC
1000 pF
WRF_XTAL_IN
WRF_XTAL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com