Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 75 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 75 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 71Page - Cypress Semiconductor BCM4354 Datasheet HTML 72Page - Cypress Semiconductor BCM4354 Datasheet HTML 73Page - Cypress Semiconductor BCM4354 Datasheet HTML 74Page - Cypress Semiconductor BCM4354 Datasheet HTML 75Page - Cypress Semiconductor BCM4354 Datasheet HTML 76Page - Cypress Semiconductor BCM4354 Datasheet HTML 77Page - Cypress Semiconductor BCM4354 Datasheet HTML 78Page - Cypress Semiconductor BCM4354 Datasheet HTML 79Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 192 page
background image
PCI Express Interface
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 74
Electrical Subblock
The high-speed signals utilize the Common Mode Logic (CML) signaling interface with on-chip termination and
de-emphasis for best-in-class signal integrity. A de-emphasis technique is employed to reduce the effects of
Intersymbol Interference (ISI) due to the interconnect by optimizing voltage and timing margins for worst case
channel loss. This results in a maximally open “eye” at the detection point, thereby allowing the receiver to
receive data with acceptable Bit-Error Rate (BER).
To further minimize ISI, multiple bits of the same polarity that are output in succession are de-emphasized.
Subsequent same bits are reduced by a factor of 3.5 dB in power. This amount is specified by PCIe to allow for
maximum interoperability while minimizing the complexity of controlling the de-emphasis values. The high-
speed interface requires AC coupling on the transmit side to eliminate the DC common mode voltage from the
receiver. The range of AC capacitance allowed is 75 nF to 200 nF.
Configuration Space
The PCIe function in the BCM4354 implements the configuration space as defined in the PCI Express Base
Specification v3.0
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com