Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 70 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 70 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 66Page - Cypress Semiconductor BCM4354 Datasheet HTML 67Page - Cypress Semiconductor BCM4354 Datasheet HTML 68Page - Cypress Semiconductor BCM4354 Datasheet HTML 69Page - Cypress Semiconductor BCM4354 Datasheet HTML 70Page - Cypress Semiconductor BCM4354 Datasheet HTML 71Page - Cypress Semiconductor BCM4354 Datasheet HTML 72Page - Cypress Semiconductor BCM4354 Datasheet HTML 73Page - Cypress Semiconductor BCM4354 Datasheet HTML 74Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 192 page
background image
WLAN Host Interfaces
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 69
Section 10: WLAN Host Interfaces
SDIO v3.0
All three package options of the BCM4354 WLAN section provide support for SDIO version 3.0, including the
new UHS-I modes:
• DS: Default speed (DS) up to 25 MHz, including 1- and 4-bit modes (3.3V signaling).
• HS: High-speed up to 50 MHz (3.3V signaling).
• SDR12: SDR up to 25 MHz (1.8V signaling).
• SDR25: SDR up to 50 MHz (1.8V signaling).
• SDR50: SDR up to 100 MHz (1.8V signaling).
• SDR104: SDR up to 208 MHz (1.8V signaling)
• DDR50: DDR up to 50 MHz (1.8V signaling).
The SDIO interface also has the ability to map the interrupt signal on to a GPIO pin for applications requiring an
interrupt different from the one provided by the SDIO interface. The ability to force control of the gated clocks
from within the device is also provided. SDIO mode is enabled by strapping options. Refer to Table 23 on
page 119 WLAN GPIO Functions and Strapping Options.
The following three functions are supported:
• Function 0 Standard SDIO function (max. BlockSize/ByteCount = 32B)
• Function 1 Backplane Function to access the internal system-on-chip (SoC) address space
(max. BlockSize/ByteCount = 64B)
• Function 2 WLAN Function for efficient WLAN packet transfer through DMA
(max. BlockSize/ByteCount = 512B)
SDIO Pins
Note: The BCM4354 is backward compatible with SDIO v2.0 host interfaces.
Table 17: SDIO Pin Descriptions
SD 4-Bit Mode
SD 1-Bit Mode
DATA0
Data line 0
DATA
Data line
DATA1
Data line 1 or Interrupt IRQ
Interrupt
DATA2
Data line 2 or Read Wait RW
Read Wait
DATA3
Data line 3
N/C
Not used
CLK
Clock
CLK
Clock
CMD
Command line
CMD
Command line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com