Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 76Page - Cypress Semiconductor BCM4354 Datasheet HTML 77Page - Cypress Semiconductor BCM4354 Datasheet HTML 78Page - Cypress Semiconductor BCM4354 Datasheet HTML 79Page - Cypress Semiconductor BCM4354 Datasheet HTML 80Page - Cypress Semiconductor BCM4354 Datasheet HTML 81Page - Cypress Semiconductor BCM4354 Datasheet HTML 82Page - Cypress Semiconductor BCM4354 Datasheet HTML 83Page - Cypress Semiconductor BCM4354 Datasheet HTML 84Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 192 page
background image
IEEE 802.11ac Draft PHY
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 79
IEEE 802.11ac Draft PHY
The BCM4354 WLAN Digital PHY (see Figure 31 on page 80) is designed to comply with IEEE 802.11ac Draft
and IEEE 802.11a/b/g/n dual-stream specifications to provide wireless LAN connectivity supporting data rates
from 1 Mbps to 866.7 Mbps for low-power, high-performance handheld applications.
The PHY has been designed to work in the presence of interference, radio nonlinearity, and various other
impairments. It incorporates optimized implementations of the filters, FFT and Viterbi decoder algorithms.
Efficient algorithms have been designed to achieve maximum throughput and reliability, including algorithms for
carrier sense/rejection, frequency/phase/timing acquisition and tracking, channel estimation and tracking. The
PHY receiver also contains a robust IEEE 802.11b demodulator. The PHY carrier sense has been tuned to
provide high throughput for IEEE 802.11g/11b hybrid networks with Bluetooth coexistence. It has also been
designed for sharing an antenna between WL and BT to support simultaneous RX-RX.
The key PHY features include:
• Programmable data rates from MCS0–15 in 20 MHz, 40 MHz, and 80 MHz channels, as specified in
IEEE 802.11ac Draft
• Supports Optional Short GI and Green Field modes in TX and RX
• TX and RX LDPC for improved range and power efficiency
• Beamforming support
• All scrambling, encoding, forward error correction, and modulation in the transmit direction and inverse
operations in the receive direction.
• Supports IEEE 802.11h/k for worldwide operation
• Advanced algorithms for low power, enhanced sensitivity, range, and reliability
• Algorithms to improve performance in presence of Bluetooth
• Closed loop transmit power control
• Digital RF chip calibration algorithms to handle CMOS RF chip non-idealities
• On-the-fly channel frequency and transmit power selection
• Supports per packet RX antenna diversity
• Available per-packet channel quality and signal strength measurements
• Designed to meet FCC and other worldwide regulatory requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com