Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 15Page - Cypress Semiconductor BCM4354 Datasheet HTML 16Page - Cypress Semiconductor BCM4354 Datasheet HTML 17Page - Cypress Semiconductor BCM4354 Datasheet HTML 18Page - Cypress Semiconductor BCM4354 Datasheet HTML 19Page - Cypress Semiconductor BCM4354 Datasheet HTML 20Page - Cypress Semiconductor BCM4354 Datasheet HTML 21Page - Cypress Semiconductor BCM4354 Datasheet HTML 22Page - Cypress Semiconductor BCM4354 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 192 page
background image
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 18
Overview
BROADCOM CONFIDENTIAL
BCM4354 Data Sheet
Figure 2: BCM4354 Block Diagram
BCM4354
BT/FM
FMRX
Debug
BTFM Control Clock
PTU
WLAN
PMU
Controller
5 GHz IPA
Diplexer
BPF
BPF
LNA
LNA
LNA
Shared LNA
BT RX
OTP
OTP
GPIO
UART
JTAG
SW REG
LDO
LPO
XTAL OSC
POR
GPIO
JTAG
UART
XTAL
Power Supply
HSIC
PCIe
SDIO
ARM
RAM
ROM
BT-WLAN ECI
UART
SLIMBus
Debug UART
MEIF
I
2S/PCM1
I
2S/PCM2
GPIO
Wake/Sleep
Control
GNSS LNA ANT
Control
Clock
Management
Sleep
Timer
PMU
PMU
Controller
LPO
XO
Buffer
POR
BT PHY
BT RF
RAM
ROM
Patch
Inter Ctrl
DMA
Bus Arb
WD Timer
SW Timer
GPIO Ctrl
APB
AHB
AHB2 APB
Bridge
Cortex M3
CLB
AHB
FM Digital
FM RF
FM RX
BT Digital IO
BT TX
EXT LNA RF Switch Control
*SDIO or *PCIe 2.0
JTAG
SMPS Control
XTAL
VBAT VREG
POR
2.4 GHz IPA
5 GHz IPA
2.4 GHz IPA
Diplexer
BPF
BPF
Coex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com