Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 24Page - Cypress Semiconductor BCM4354 Datasheet HTML 25Page - Cypress Semiconductor BCM4354 Datasheet HTML 26Page - Cypress Semiconductor BCM4354 Datasheet HTML 27Page - Cypress Semiconductor BCM4354 Datasheet HTML 28Page - Cypress Semiconductor BCM4354 Datasheet HTML 29Page - Cypress Semiconductor BCM4354 Datasheet HTML 30Page - Cypress Semiconductor BCM4354 Datasheet HTML 31Page - Cypress Semiconductor BCM4354 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 192 page
background image
Frequency References
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 27
Section 3: Frequency References
An external crystal is used for generating all radio frequencies and normal operation clocking. As an alternative,
an external frequency reference may be used. In addition, a low-power oscillator (LPO) is provided for lower
power mode timing.
Crystal Interface and Clock Generation
The BCM4354 can use an external crystal to provide a frequency reference. The recommended configuration
for the crystal oscillator including all external components is shown in Figure 4. Consult the reference
schematics for the latest configuration.
Figure 4: Recommended Oscillator Configuration
A fractional-N synthesizer in the BCM4354 generates the radio frequencies, clocks, and data/packet timing,
enabling it to operate using a wide selection of frequency references.
For SDIO, HSIC, and PCIe WLAN host applications, the recommended default frequency reference is a 37.4
MHz crystal. For PCIe applications, see Table 3 on page 28 for details on alternatives for the external frequency
reference. The signal characteristics for the crystal oscillator interface are also listed in Table 3.
Note: Although the fractional-N synthesizer can support alternative reference frequencies,
frequencies other than the default require support to be added in the driver, plus additional extensive
system testing. Contact Broadcom for further details.
WRF_XTAL_OUT
WRF_XTAL_IN
C*
C*
Xohms*
*Valuesdeterminedbycrystal
drivelevel. Seereference
schematicsfor details.
37.4MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com