Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 53Page - Cypress Semiconductor BCM4354 Datasheet HTML 54Page - Cypress Semiconductor BCM4354 Datasheet HTML 55Page - Cypress Semiconductor BCM4354 Datasheet HTML 56Page - Cypress Semiconductor BCM4354 Datasheet HTML 57Page - Cypress Semiconductor BCM4354 Datasheet HTML 58Page - Cypress Semiconductor BCM4354 Datasheet HTML 59Page - Cypress Semiconductor BCM4354 Datasheet HTML 60Page - Cypress Semiconductor BCM4354 Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 192 page
background image
UART Interface
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 56
UART Interface
The BCM4354 shares a single UART for Bluetooth and FM. The UART is a standard 4-wire interface (RX, TX,
RTS, and CTS) with adjustable baud rates from 9600 bps to 4.1 Mbps. The interface features an automatic baud
rate detection capability that returns a baud rate selection. Alternatively, the baud rate may be selected through
a vendor-specific UART HCI command.
UART has a 1040-byte receive FIFO and a 1040-byte transmit FIFO to support EDR. Access to the FIFOs is
conducted through the AHB interface through either DMA or the CPU. The UART supports the Bluetooth 4.1
UART HCI specification: H4, a custom Extended H4, and H5. The default baud rate is 115.2 Kbaud.
The UART supports the 3-wire H5 UART transport, as described in the Bluetooth specification (“Three-wire
UART Transport Layer”). Compared to H4, the H5 UART transport reduces the number of signal lines required
by eliminating the CTS and RTS signals.
The BCM4354 UART can perform XON/XOFF flow control and includes hardware support for the Serial Line
Input Protocol (SLIP). It can also perform wake-on activity. For example, activity on the RX or CTS inputs can
wake the chip from a sleep state.
Normally, the UART baud rate is set by a configuration record downloaded after device reset, or by automatic
baud rate detection, and the host does not need to adjust the baud rate. Support for changing the baud rate
during normal HCI UART operation is included through a vendor-specific command that allows the host to adjust
the contents of the baud rate registers. The BCM4354 UARTs operate correctly with the host UART as long as
the combined baud rate error of the two devices is within ±2%.
Table 14: Example of Common Baud Rates
Desired Rate
Actual Rate
Error (%)
4000000
4000000
0.00
3692000
3692308
0.01
3000000
3000000
0.00
2000000
2000000
0.00
1500000
1500000
0.00
1444444
1454544
0.70
921600
923077
0.16
460800
461538
0.16
230400
230796
0.17
115200
115385
0.16
57600
57692
0.16
38400
38400
0.00
28800
28846
0.16
19200
19200
0.00
14400
14423
0.16
9600
9600
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com